Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0868BA03209S Datasheet (PDF) - API Technologies Corp

SF0868BA03209S Datasheet PDF - API Technologies Corp
Part # SF0868BA03209S
Download  SF0868BA03209S Download
File Size   1259.54 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 868 MHz SAW Filter, 600 kHz 1 dB Bandwidth

SF0868BA03209S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0868BA03209S Datasheet PDF - API Technologies Corp

Part # SF0868BA03209S
Download  SF0868BA03209S Click to download

File Size   1259.54 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 868 MHz SAW Filter, 600 kHz 1 dB Bandwidth

SF0868BA03209S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0868BA03209S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0868BA03209S SPECTRUM-SF0868BA03209S Datasheet
1Mb / 3P
868 MHz SAW Filter, 600 kHz 1 dB Bandwidth
More results


Similar Description - SF0868BA03209S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0600BA03183S SPECTRUM-SF0600BA03183S Datasheet
125Kb / 3P
600 MHz SAW Filter 80 MHz Bandwidth
SF0868BA02512S SPECTRUM-SF0868BA02512S Datasheet
165Kb / 3P
868 MHz SAW Filter 12 MHz Bandwidth
SF0868BA03209S SPECTRUM-SF0868BA03209S Datasheet
1Mb / 3P
868 MHz SAW Filter, 600 kHz 1 dB Bandwidth
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
API Technologies Corp
SF0868BA02512S APITECH-SF0868BA02512S Datasheet
165Kb / 3P
868 MHz SAW Filter 12 MHz Bandwidth
SF0983BA032880S APITECH-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1245A TAI-SAW-TA1245A Datasheet
424Kb / 7P
SAW Filter 868 MHz
TA1219A TAI-SAW-TA1219A Datasheet
413Kb / 7P
SAW Filter 868 MHz
TA1972A TAI-SAW-TA1972A Datasheet
318Kb / 6P
SAW Filter 868 MHz
TA2244A TAI-SAW-TA2244A Datasheet
765Kb / 6P
SAW Filter 868 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com