Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0983BA032880S Datasheet (PDF) - API Technologies Corp

SF0983BA032880S Datasheet PDF - API Technologies Corp
Part # SF0983BA032880S
Download  SF0983BA032880S Download
File Size   1071.35 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth

SF0983BA032880S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0983BA032880S Datasheet PDF - API Technologies Corp

Part # SF0983BA032880S
Download  SF0983BA032880S Click to download

File Size   1071.35 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth

SF0983BA032880S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0983BA032880S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
More results


Similar Description - SF0983BA032880S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0426BA02365S ICST-SF0426BA02365S Datasheet
106Kb / 1P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
Rev X8
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
API Technologies Corp
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426CN02357S APITECH-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
TriQuint Semiconductor
855104 TRIQUINT-855104_15 Datasheet
42Kb / 1P
499.25 MHz Bandpass Filter 1 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com