Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0983BA032880S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0983BA032880S
Description  983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0983BA032880S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0983BA032880S Datasheet HTML 1Page - API Technologies Corp SF0983BA032880S Datasheet HTML 2Page - API Technologies Corp SF0983BA032880S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
These filters are manufactured on quartz, which provides optimal temperature performance and are available from 80
-1600 MHz. This TCRF is designed for narrowband IF filtering such as in satellite transponders, directional finders and
anti-jam modems. Other packaging styles are available for more rugged environments and applications. Standard part
numbers as well as custom solutions are available. Please contact sales for more information.
SAW Filter
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
SF0983BA03280S
TYPICAL PERFORMANCE
Center = 983 MHz, 1 MHz/div (6.3 kHz incr)
8/2012
• 3.8 x 3.8 mm Ceramic LCC, 8 Pads
• RoHS Compliant


Similar Part No. - SF0983BA032880S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
More results

Similar Description - SF0983BA032880S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0426BA02365S ICST-SF0426BA02365S Datasheet
106Kb / 1P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
Rev X8
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
API Technologies Corp
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426CN02357S APITECH-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
TriQuint Semiconductor
855104 TRIQUINT-855104_15 Datasheet
42Kb / 1P
499.25 MHz Bandpass Filter 1 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com