Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0915BA03171S Datasheet (PDF) - API Technologies Corp

SF0915BA03171S Datasheet PDF - API Technologies Corp
Part # SF0915BA03171S
Download  SF0915BA03171S Download
File Size   143.41 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 915.3 MHz SAW Filter 21.8 MHz Bandwidth

SF0915BA03171S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0915BA03171S Datasheet PDF - API Technologies Corp

Part # SF0915BA03171S
Download  SF0915BA03171S Click to download

File Size   143.41 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 915.3 MHz SAW Filter 21.8 MHz Bandwidth

SF0915BA03171S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0915BA03171S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0915BA03171S SPECTRUM-SF0915BA03171S Datasheet
143Kb / 3P
915.3 MHz SAW Filter 21.8 MHz Bandwidth
More results


Similar Description - SF0915BA03171S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
logo
TAI-SAW TECHNOLOGY CO.,...
TA0792A TAI-SAW-TA0792A Datasheet
323Kb / 8P
SAW Filter 915.3 MHz SMD 3.0X3.0 mm
TA0832A TAI-SAW-TA0832A Datasheet
326Kb / 8P
SAW Filter 915.3 MHz SMD 3.8X3.8 mm
logo
Spectrum Microwave, Inc...
SF0915BA03171S SPECTRUM-SF0915BA03171S Datasheet
143Kb / 3P
915.3 MHz SAW Filter 21.8 MHz Bandwidth
SF1220BA02539S SPECTRUM-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1843BA02590S SPECTRUM-SF1843BA02590S Datasheet
79Kb / 3P
1842.5 MHz SAW Filter 75 MHz Bandwidth
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
1880 MHz SAW Filter 60 MHz Bandwidth
SF2133BA02661S SPECTRUM-SF2133BA02661S Datasheet
126Kb / 3P
2132.5 MHz SAW Filter 45 MHz Bandwidth
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
2441.8 MHz SAW Filter 120.5 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com