Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0948BA02589S Datasheet (PDF) - API Technologies Corp

SF0948BA02589S Datasheet PDF - API Technologies Corp
Part # SF0948BA02589S
Download  SF0948BA02589S Download
File Size   118.63 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 947.5 MHz SAW Filter 25 MHz Bandwidth

SF0948BA02589S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0948BA02589S Datasheet PDF - API Technologies Corp

Part # SF0948BA02589S
Download  SF0948BA02589S Click to download

File Size   118.63 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 947.5 MHz SAW Filter 25 MHz Bandwidth

SF0948BA02589S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0948BA02589S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
947.5 MHz SAW Filter 25 MHz Bandwidth
More results


Similar Description - SF0948BA02589S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0836BA02513S ICST-SF0836BA02513S Datasheet
76Kb / 3P
836.5 MHz SAW Filter 25 MHz Bandwidth
Rev X1
SF0881BA02514S ICST-SF0881BA02514S Datasheet
75Kb / 3P
881.5 MHz SAW Filter 25 MHz Bandwidth
Rev X1
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
947.5 MHz RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0991A TAI-SAW-TA0991A Datasheet
394Kb / 7P
SAW Filter 947.5 MHz
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
947.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA947GG TAI-SAW-TA947GG Datasheet
150Kb / 8P
SAW Filter 947.5 MHz 25 MHz Bw For GSM
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
SAW Filter 947.5 MHz For GSM
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
SAW Filter 947.5 MHz For GSM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com