Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467EOE Datasheet (PDF) - Microchip Technology

TC4467EOE Datasheet PDF - Microchip Technology
Part # TC4467EOE
Download  TC4467EOE Download
File Size   491.91 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Logic-Input CMOS Quad Drivers

TC4467EOE Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4467EOE Datasheet PDF - Microchip Technology

Part # TC4467EOE
Download  TC4467EOE Click to download

File Size   491.91 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Logic-Input CMOS Quad Drivers

TC4467EOE Datasheet (HTML) - Microchip Technology


TC4467EOE Product details

General Description
The TC4467/TC4468/TC4469 devices are a family of four-output CMOS buffers/MOSFET drivers with 1.2 A peak drive capability. Unlike other MOSFET drivers, these devices have two inputs for each output. The inputs are configured as logic gates: NAND (TC4467), AND (TC4468) and AND/INV (TC4469).
The TC4467/TC4468/TC4469 drivers can continuously source up to 250 mA into ground referenced loads. These devices are ideal for direct driving low current motors or driving MOSFETs in a H-bridge configuration for higher current motor drive (see Section 5.0 for details). Having the logic gates onboard the driver can help to reduce component count in many designs.
The TC4467/TC4468/TC4469 devices are very robust and highly latch-up resistant. They can tolerate up to 5 V of noise spiking on the ground line and can handle up to 0.5 A of reverse current on the driver outputs.
The TC4467/4468/4469 devices are available in commercial, industrial and military temperature ranges.

Features
• High Peak Output Current: 1.2 A
• Wide Operating Range:
   - 4.5 V to 18 V
• Symmetrical Rise/Fall Times: 25 nsec
• Short, Equal Delay Times: 75 nsec
• Latch-proof. Will Withstand 500 mA Inductive Kickback
• 3 Input Logic Choices:
   - AND / NAND / AND + Inv
• ESD Protection on All Pins: 2 kV

Applications
• General Purpose CMOS Logic Buffer
• Driving All Four MOSFETs in an H-Bridge
• Direct Small Motor Driver
• Relay or Peripheral Drivers
• CCD Driver
• Pin-Switching Network Driver




Similar Part No. - TC4467EOE

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4467EJD TELCOM-TC4467EJD Datasheet
120Kb / 9P
LOGIC-INPUT CMOS QUAD DRIVERS
More results


Similar Description - TC4467EOE

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
LOGIC-INPUT CMOS QUAD DRIVERS
logo
Texas Instruments
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Microchip Technology
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
Logic-Input CMOS Quad Drivers
2002
logo
Texas Instruments
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Microchip Technology
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
Logic-Input CMOS Quad Drivers
11/27/12
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
High-Speed CMOS Logic Quad 2-Input Multiplexers
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com