Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467EOE Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4467EOE
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467EOE Datasheet(HTML) 1 Page - Microchip Technology

  TC4467EOE Datasheet HTML 1Page - Microchip Technology TC4467EOE Datasheet HTML 2Page - Microchip Technology TC4467EOE Datasheet HTML 3Page - Microchip Technology TC4467EOE Datasheet HTML 4Page - Microchip Technology TC4467EOE Datasheet HTML 5Page - Microchip Technology TC4467EOE Datasheet HTML 6Page - Microchip Technology TC4467EOE Datasheet HTML 7Page - Microchip Technology TC4467EOE Datasheet HTML 8Page - Microchip Technology TC4467EOE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 1
M
TC4467/TC4468/TC4469
Features
• High Peak Output Current: 1.2 A
• Wide Operating Range:
- 4.5 V to 18 V
• Symmetrical Rise/Fall Times: 25 nsec
• Short, Equal Delay Times: 75 nsec
• Latch-proof. Will Withstand 500 mA Inductive
Kickback
• 3 Input Logic Choices:
- AND / NAND / AND + Inv
• ESD Protection on All Pins: 2 kV
Applications
• General Purpose CMOS Logic Buffer
• Driving All Four MOSFETs in an H-Bridge
• Direct Small Motor Driver
• Relay or Peripheral Drivers
• CCD Driver
• Pin-Switching Network Driver
Package Types
General Description
The TC4467/TC4468/TC4469 devices are a family of
four-output CMOS buffers/MOSFET drivers with 1.2 A
peak drive capability. Unlike other MOSFET drivers,
these devices have two inputs for each output. The
inputs are configured as logic gates: NAND (TC4467),
AND (TC4468) and AND/INV (TC4469).
The TC4467/TC4468/TC4469 drivers can continuously
source up to 250 mA into ground referenced loads.
These devices are ideal for direct driving low current
motors or driving MOSFETs in a H-bridge configuration
for higher current motor drive (see Section 5.0 for
details). Having the logic gates onboard the driver can
help to reduce component count in many designs.
The TC4467/TC4468/TC4469 devices are very robust
and highly latch-up resistant. They can tolerate up to
5 V of noise spiking on the ground line and can handle
up to 0.5 A of reverse current on the driver outputs.
The TC4467/4468/4469 devices are available in
commercial, industrial and military temperature ranges.
1
2
3
4
5
6
7
8
16
13
12
11
10
9
1A
1B
2A
2B
3A
3B
GND
GND
VDD
1Y
2Y
3Y
4Y
4B
4A
VDD
15
14
TC4467
TC4468
TC4469
16-Pin SOIC (Wide)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
3A
3B
GND
VDD
1Y
2Y
3Y
4Y
4B
4A
TC4467
TC4468
TC4469
14-Pin PDIP/CERDIP
Logic-Input CMOS Quad Drivers


Similar Part No. - TC4467EOE

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4467EJD TELCOM-TC4467EJD Datasheet
120Kb / 9P
LOGIC-INPUT CMOS QUAD DRIVERS
More results

Similar Description - TC4467EOE

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4467 TELCOM-TC4467 Datasheet
120Kb / 9P
LOGIC-INPUT CMOS QUAD DRIVERS
logo
Texas Instruments
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Microchip Technology
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
Logic-Input CMOS Quad Drivers
2002
logo
Texas Instruments
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Microchip Technology
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
Logic-Input CMOS Quad Drivers
11/27/12
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
High-Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com