Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467EOE Datasheet(PDF) 19 Page - Microchip Technology

Part # TC4467EOE
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467EOE Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC4467EOE Datasheet HTML 14Page - Microchip Technology TC4467EOE Datasheet HTML 15Page - Microchip Technology TC4467EOE Datasheet HTML 16Page - Microchip Technology TC4467EOE Datasheet HTML 17Page - Microchip Technology TC4467EOE Datasheet HTML 18Page - Microchip Technology TC4467EOE Datasheet HTML 19Page - Microchip Technology TC4467EOE Datasheet HTML 20Page - Microchip Technology TC4467EOE Datasheet HTML 21Page - Microchip Technology TC4467EOE Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page19
TC4467/TC4468/TC4469
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
TC4467: 1.2A Quad MOSFET Driver, NAND
TC4468: 1.2A Quad MOSFET Driver, AND
TC4469: 1.2A Quad MOSFET Driver, AND/INV
Temperature Range:
C
=
0
°C to +70°C
E=
-40
°C to +85°C (CERDIP only)
M=
-55
°C to +125°C (CERDIP only)
Package:
PD
= Plastic DIP, (300 mil body), 14-lead
JD
= Ceramic DIP, (300 mil body), 14-lead
OE
= SOIC (Wide), 16-lead
OE713 = SOIC (Wide), 16-lead (Tape and Reel)
Examples:
a)
TC4467COE: Commerical Temperature,
SOIC package.
b)
TC4467CPD: Commercial Temperature,
PDIP package.
c)
TC4467MJD: Military Temperature,
Ceramic DIP package.
a)
TC4468COE713: Tape and Reel,
Commerical Temp., SOIC package.
b)
TC4468CPD: Commercial Temperature,
PDIP package.
a)
TC4469COE: Commercial Temperature,
SOIC package.
b)
TC4469CPD: Commercial Temperature,
PDIP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com