Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467EOE Datasheet(PDF) 11 Page - Microchip Technology

Part # TC4467EOE
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467EOE Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC4467EOE Datasheet HTML 7Page - Microchip Technology TC4467EOE Datasheet HTML 8Page - Microchip Technology TC4467EOE Datasheet HTML 9Page - Microchip Technology TC4467EOE Datasheet HTML 10Page - Microchip Technology TC4467EOE Datasheet HTML 11Page - Microchip Technology TC4467EOE Datasheet HTML 12Page - Microchip Technology TC4467EOE Datasheet HTML 13Page - Microchip Technology TC4467EOE Datasheet HTML 14Page - Microchip Technology TC4467EOE Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 11
TC4467/TC4468/TC4469
5.0
APPLICATIONS INFORMATION
FIGURE 5-1:
Stepper Motor Drive.
FIGURE 5-2:
Quad Driver For H-bridge Motor Control.
+12 V
14
TC4469
13
12
11
10
7
9
8
6
5
4
3
2
1
Red
Gray
Yel
Blk
Motor
B
A
Airpax
#M82102-P2
7.5/Step
5
13
+5 V to +15 V
14
TC4469
Direction
PWM Speed
18 V
Fwd
13
12
11
10
7
9
8
6
5
4
3
2
1
Rev
Motor
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com