Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF51 Datasheet (PDF) - Leshan Radio Company

SF51 Datasheet PDF - Leshan Radio Company
Part # SF51
Download  SF51 Download
File Size   232.59 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A

SF51 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF51 Datasheet PDF - Leshan Radio Company

Part # SF51
Download  SF51 Click to download

File Size   232.59 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A

SF51 Datasheet (HTML) - Leshan Radio Company


SF51 Product details

Reverse Voltage 50 to 600V Forward Current 5.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed: 260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - SF51

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF51 WTE-SF51 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF51 RECTRON-SF51 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF51 BYTES-SF51 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF51 DCCOM-SF51 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Similar Description - SF51

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER501 DACHANG-HER501 Datasheet
139Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 5.0A
SF51 DACHANG-SF51 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41 LRC-SF41 Datasheet
206Kb / 7P
per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF51G LRC-SF51G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF61 LRC-SF61 Datasheet
205Kb / 7P
Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Cystech Electonics Corp...
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com