Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2431 Datasheet (PDF) - Calogic, LLC

CL2431 Datasheet PDF - Calogic, LLC
Part # CL2431
Download  CL2431 Download
File Size   64.27 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Precision Adjustable Shunt Reference

CL2431 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL2431 Datasheet PDF - Calogic, LLC

Part # CL2431
Download  CL2431 Click to download

File Size   64.27 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Precision Adjustable Shunt Reference

CL2431 Datasheet (HTML) - Calogic, LLC


CL2431 Product details

DESCRIPTION
The CL2431 is a three terminal adjustable voltage reference designed to act as an open-loop error amplifier with a 2.5V temperature compensated reference. Operating as a low temperature coefficient zener which is programmable from VREF to 18V with two external resistors while providing a wide operating current range of 1.0mA to 100mA with a typical dynamic impedance of 0.15Ω. As a shunt regulator the device can be used as either a positive or negative voltage reference. Active output circuitry provides a very sharp turn-on characteristic, making the CL2431 an excellent replacement for low-voltage zener diodes in many applications, including on-board regulation and adjustable power supplies.

FEATURES
• Temperature-Compensated: 30ppm/℃
• Trimmed 0.5% Bandgap Reference
• Internal Amplifier with 100mA Capability
• Temperature Range: Extended to 0 to 105℃
• Low Frequency Dynamic Output Impedance: < 150mΩ
• Low Output Noise
• SOT-23 Replacement for TL431




Similar Part No. - CL2431

ManufacturerPart #DatasheetDescription
logo
Clarke International
CL24 CLARKE-CL24 Datasheet
1Mb / 12P
12” PLATE AXIAL EXHAUST FAN
DL1025
CL24 CLARKE-CL24 Datasheet
1Mb / 12P
16” PLATE AXIAL EXHAUST FAN
DL1025
CL24 CLARKE-CL24 Datasheet
1Mb / 12P
20” PLATE AXIAL EXHAUST FAN
DL1025
CL24 CLARKE-CL24 Datasheet
1Mb / 4P
24” LOUVRE VENT
DL1225
logo
Crydom Inc.,
CL240A05 CRYDOM-CL240A05 Datasheet
673Kb / 5P
Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
More results


Similar Description - CL2431

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com