Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL431 Datasheet (PDF) - Calogic, LLC

CL431 Datasheet PDF - Calogic, LLC
Part # CL431
Download  CL431 Download
File Size   65.26 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Precision Adjustable Shunt Reference

CL431 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL431 Datasheet PDF - Calogic, LLC

Part # CL431
Download  CL431 Click to download

File Size   65.26 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Precision Adjustable Shunt Reference

CL431 Datasheet (HTML) - Calogic, LLC


CL431 Product details

DESCRIPTION
The CL431 is an adjustable shunt regulator designed to act as an open-loop error amplifier with a 2.5V temperature compensated reference. Its highly accurate 0.5% bandgap reference is perfect for applications requiring stability and accuracy over temperature and life.

FEATURES
• Trimmed 0.5% Bandgap Reference
• Nominal Temperature Range Extended to 105°C
• Temperature-Compensated: 30ppm/°C
• Internal Amplifier with 150mA Capability
• Low Output Noise
• Low Frequency Dynamic Output Impedance




Similar Part No. - CL431

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL432 CALOGIC-CL432 Datasheet
63Kb / 7P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432A CALOGIC-CL432A Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AD CALOGIC-CL432AD Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432ALP CALOGIC-CL432ALP Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
CL432AS CALOGIC-CL432AS Datasheet
43Kb / 3P
1.25VPrecision Adjustable Shunt Reference / Amplifier
More results


Similar Description - CL431

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com