Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4302 Datasheet (PDF) - Calogic, LLC

CLM4302 Datasheet PDF - Calogic, LLC
Part # CLM4302
Download  CLM4302 Download
File Size   48.82 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Low Power, 400MHz High Speed Buffer

CLM4302 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM4302 Datasheet PDF - Calogic, LLC

Part # CLM4302
Download  CLM4302 Click to download

File Size   48.82 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Low Power, 400MHz High Speed Buffer

CLM4302 Datasheet (HTML) - Calogic, LLC


CLM4302 Product details

GENERAL DESCRIPTION
The CLM4102 product family is a low power, wide bandwidth buffer amplifier. The 4102 family delivers a -3dB bandwidth of 400MHz, 200mA, and 11000V/µs while only drawing 5mA of supply current. The CLM4102 family operates over a wide supply voltage range of ±3V to ±18V.

FEATURES
• Improved Replacement for EL2002
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11000V/µs
• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 400MHz
• Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA
• Wide Supply Voltage . . . . . . . . . . . . . . . . . . . ±3V to ±18V
• Supply Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
• Short Circuit Product
• Low Bias Current

APPLICATIONS
• Op Amp Booster
• Coaxial Cable Driver
• A/D Input Buffer
• Isolation Buffer




Similar Part No. - CLM4302

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4321 CALOGIC-CLM4321 Datasheet
58Kb / 6P
High Speed Buffer
CLM4321M CALOGIC-CLM4321M Datasheet
58Kb / 6P
High Speed Buffer
CLM4321N CALOGIC-CLM4321N Datasheet
58Kb / 6P
High Speed Buffer
CLM4322 CALOGIC-CLM4322 Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
CLM4322M CALOGIC-CLM4322M Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
More results


Similar Description - CLM4302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
CVA4401 CALOGIC-CVA4401 Datasheet
27Kb / 2P
Low Power, 400MHz High Speed Triple Buffer
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com