Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4428 Datasheet (PDF) - Calogic, LLC

CLM4428 Datasheet PDF - Calogic, LLC
Part # CLM4428
Download  CLM4428 Download
File Size   47.28 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 1.5A Dual High Speed MOSFET Drivers

CLM4428 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM4428 Datasheet PDF - Calogic, LLC

Part # CLM4428
Download  CLM4428 Click to download

File Size   47.28 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 1.5A Dual High Speed MOSFET Drivers

CLM4428 Datasheet (HTML) - Calogic, LLC


CLM4428 Product details

DESCRIPTION

The CLM4426 series are dual CMOS drivers are designed to drive capacitive, resistive and inductive loads switching 1000pF gate capacitances in under 30ns while providing low impedances in both the ON and OFF states to insure the MOSFET’s intended state will not be affected. All terminals are fully protected up to 4kV of ESD.



FEATURES

• High Peak Output Current . . . . . . . . . . . . . . . . . . . >1.5A

• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . tD = 40ns

• Wide Operating Range . . . . . . . . . . . . . . . . . 4.5V to 18V

• Matched Rise and Fall Times

• ESD Protected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV



APPLICATIONS

• Motor Controls

• Switch Mode Power Supplies

• Pulse Transformer Driver

• Class D Switching Amplifiers



 




Similar Part No. - CLM4428

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
CLM4420CP CALOGIC-CLM4420CP Datasheet
77Kb / 6P
High Speed MOSFET Drivers
CLM4420CY CALOGIC-CLM4420CY Datasheet
77Kb / 6P
High Speed MOSFET Drivers
CLM4420EP CALOGIC-CLM4420EP Datasheet
77Kb / 6P
High Speed MOSFET Drivers
CLM4420EY CALOGIC-CLM4420EY Datasheet
77Kb / 6P
High Speed MOSFET Drivers
More results


Similar Description - CLM4428

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Calogic, LLC
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
1.5A Dual High Speed MOSFET Drivers
logo
Microchip Technology
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com