Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB2214 Datasheet (PDF) - Calogic, LLC

CWB2214 Datasheet PDF - Calogic, LLC
Part # CWB2214
Download  CWB2214 Download
File Size   39.81 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description CMOS/DMOS High Speed Analog Switch

CWB2214 Datasheet (PDF)

Go To PDF Page Download Datasheet
CWB2214 Datasheet PDF - Calogic, LLC

Part # CWB2214
Download  CWB2214 Click to download

File Size   39.81 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description CMOS/DMOS High Speed Analog Switch

CWB2214 Datasheet (HTML) - Calogic, LLC


CWB2214 Product details

DESCRIPTION
The CWB2214 is a High Speed SPST Analog Switch designed utilizing Calogic’s proprietary CMOS/DMOS processing techniques. The device features low-power CMOS input logic and level translation circuitry and high speed, low capacitance lateral DMOS switches fabricated together in a monolithic structure.

FEATURES
• High OFF Isolation. . . . . . . . . . . . . . . . >40dB @ 100MHz
 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >25dB @ 200MHz
• Fast Switching
• CMOS Compatible Inputs
• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . -3dB @ 250MHz
• Low ON Resistance

APPLICATIONS
• RF and Video Switches
• High Frequency Data Acquisition
• High Frequency Multiplexing




Similar Part No. - CWB2214

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB2269CP CALOGIC-CWB2269CP Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
CWB2269CY CALOGIC-CWB2269CY Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
More results


Similar Description - CWB2214

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
100MHz CMOS/DMOS Wideband Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Vishay Siliconix
DG5143 VISHAY-DG5143 Datasheet
41Kb / 3P
Low-Power, High-Speed CMOS Analog Switch
28-Apr-97
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
25-Jun-07
logo
Calogic, LLC
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY CALOGIC-SD5400CY_15 Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com