Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB201 Datasheet (PDF) - Calogic, LLC

CWB201 Datasheet PDF - Calogic, LLC
Part # CWB201
Download  CWB201 Download
File Size   53.41 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 100MHz CMOS/DMOS Wideband Quad Analog Switch

CWB201 Datasheet (PDF)

Go To PDF Page Download Datasheet
CWB201 Datasheet PDF - Calogic, LLC

Part # CWB201
Download  CWB201 Click to download

File Size   53.41 Kbytes
Page   5 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 100MHz CMOS/DMOS Wideband Quad Analog Switch

CWB201 Datasheet (HTML) - Calogic, LLC


CWB201 Product details

DESCRIPTION

Designed for RF and Video Switching the CWB201 is manufactured using Calogic’s high speed CMOS combined with DMOS transistors in a monolithic design resulting in superior performance characteristics. This quad SPST switch array has extensive applications where high frequency video, audio or digital signals are switched or routed. The CWB201 is TTL compatible which is of great benefit to to designs that require constant logic switching over a wide range of supply voltages and temperature without a separate power supply.



FEATURES

• Wide Bandwidth Switches . . . . . . . . 0.9 x DC @ 100MHz

• High OFF Isolation. . . . . . . . . . . . . . . . . 66 dB @ 100MHz

• Low Channel-to-Channel Crosstalk. . . -80 dB @ 10MHz

• TTL Compatible

• Low ON Resistance

• High Speed

• Low Capaciatance



APPLICATIONS

• Glitch-Free Analog Switches

• RF & Video Switches

• Track-and-Hold Switches

• Sample-and-Hold Switches

• High Speed Data Routing



 




Similar Part No. - CWB201

ManufacturerPart #DatasheetDescription
logo
Clarke International
CWB2000D CLARKE-CWB2000D Datasheet
1Mb / 4P
ENGINEERS WORKBENCH WITH DRAWER
GC0919 - ISS1
CWB2001P CLARKE-CWB2001P Datasheet
1Mb / 4P
PRODUCTION WORKBENCH WITH DRAWER
GC0919 - ISS1
More results


Similar Description - CWB201

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
100MHz CMOS/DMOS Wideband Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
CMOS/DMOS High Speed Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
TEMIC Semiconductors
DG213 TEMIC-DG213 Datasheet
98Kb / 7P
Quad Complementary CMOS Analog Switch
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
Quad CMOS Analog Switch
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213DJ-E3 VISHAY-DG213DJ-E3 Datasheet
87Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com