Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB201 Datasheet(PDF) 4 Page - Calogic, LLC

Part # CWB201
Description  100MHz CMOS/DMOS Wideband Quad Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB201 Datasheet(HTML) 4 Page - Calogic, LLC

  CWB201 Datasheet HTML 1Page - Calogic, LLC CWB201 Datasheet HTML 2Page - Calogic, LLC CWB201 Datasheet HTML 3Page - Calogic, LLC CWB201 Datasheet HTML 4Page - Calogic, LLC CWB201 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CWB201
CORPORATION
SWITCH OFF ISOLATION REJECTION RATIO
-VS-
FREQUENCY
90
80
70
60
50
40
30
20
12
5
10
20
50
100
f - Frequency (MHz)
100
V-, V+ = +15V
_
R = 50
L
12
5
10
20
50
100
f - Frequency (MHz)
V-, V+ = +15V
_
0
1
2
3
4
5
6
7
8
V = 0.1V
S
RMS
R = 50
L
Ω
L
Ω
R = 1K
Ω
INSERTION LOSS
-VS-
FREQUENCY
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC unless otherwise specified)
V-, V+ - Supply Voltages (Volts)
-50
-25
0
+25
+50
+75 +100 +125
T - Ambient Temperature ( C)
A
o
2.2
2.1
1.9
1.8
1.7
1.6
1.5
+8
_
+9
_
+10
_
+11
_
+12
_
+13
_
+14
_
+15
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
LOGIC THRESHOLD
-VS-
SUPPLY VOLTAGES
SUPPLY CURRENTS
-VS-
AMBIENT TEMPERATURE
_
I-
I+
IN
V
= +2.4V
+15V
_
V-, V+ =
2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com