Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB201 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CWB201
Description  100MHz CMOS/DMOS Wideband Quad Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB201 Datasheet(HTML) 2 Page - Calogic, LLC

  CWB201 Datasheet HTML 1Page - Calogic, LLC CWB201 Datasheet HTML 2Page - Calogic, LLC CWB201 Datasheet HTML 3Page - Calogic, LLC CWB201 Datasheet HTML 4Page - Calogic, LLC CWB201 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CWB201
CORPORATION
ABSOLUTE MAXIMUM RATINGS
V-
Negative Supply Voltage . . . . . . . . . . . . . . . . . . . . -20V
V+
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . +20V
VIN
Control Input Voltage Range . . . . . . . . . . . . . . V+ +0.3V
V- -0.3V
IL
Continuous Current, any Pin except S or D. . . . . . 20mA
IS
Continuous Current, S or D . . . . . . . . . . . . . . . . . . 30mA
IS
Peak Pulsed Current, S or D, 80
µsec, 1%,
Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90mA
TJ
Junction Temperature Range. . . . . . . . . . -55 to +125
oC
TS
Storage Temperature Range . . . . . . . . . . -55 to +125
oC
PD
Power Dissipation (derate at 5.5mW/
oC,
above +85
oC). . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
RECOMMENDED OPERATING CONDITIONS
V-
Negative Supply Voltage . . . . . . . . . . . . . . . -8.0 to -15V
V+
Positive Supply Voltage . . . . . . . . . . . . . . . +8.0 to +15V
VIN
Control Input Voltage Range . . . . . . . . . . . . . . 0 to +5V
TOP Operating Temperature . . . . . . . . . . . . . . . . . . 0 to 85
oC
ELECTRICAL CHARACTERISTICS (TA = +25
oC, V- = -15V, V+ = +15V unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
STATIC
VANALOG
Analog Signal Range
-10
+10
V
rDS(ON)
Channel ON Resistance
40
80
Ω
VS = -10V
VIN = 0
45
80
VS = +2.0V
100
160
VS = +10V
VIH
High Level Input Voltage
2.4
V
VIL
Low Level Input Voltage
0.8
IIN
Logic Input Leakage Current
0.01
0.1
µA
VIN = +2.4V
0.02
0.1
VIN = +15V
ID(OFF)
Switch OFF Leakage Current
0.2
5.0
nA
VD = +10V, VS = -10V
VIN =
+2.4V
IS(OFF)
0.4
5.0
VS = +10V, VD = -10V
I-
Negative Supply Quiescent Current
-0.3
-1.0
mA
VIN = 0 or +2.4V
I+
Positive Supply Quiescent Current
0.6
2.0
DYNAMIC
tON
Switch Turn-ON Time
400
600
nsec
See Switching Times Test Circuit
tOFF
Switch Turn-OFF Time
70
300
OIRR
OFF Isolation Rejection Ratio
60
66
dB
f = 10MHz, RL = 50
Ω
CCRR
Cross Coupling Rejection Ratio
80
Cd
Drain-Node Capacitance
0.3
pF
VD = VS = 0
f = 1MHz
VIN =
+2.4V
Cs
Source-Node Capacitance
3.0
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted)
LIMITS AT TEMPERATURE EXTREMES
SYMBOL
PARAMETER
MAXIMUM @ TA =
UNITS
TEST CONDITIONS
+85
oC
STATIC
VANALOG
Analog Signal Range
±10
V
rDS(ON)
Switch ON Resistance
120
Ω
VS = -10V
120
VS = +2.0V
VIN = 0
240
VS = +10V
IIN
Logic Input
Leakage Current
1.0
µA
VIN = +2.4V
2.0
VIN = +15V
ID(OFF)
Switch OFF
Leakage Current
100
nA
VD = +10V, VS = -10V
VIN = +2.4V
IS(OFF)
100
VS = +10V, VD = -10V
I-
Supply
Quiescent Current
-1.0
mA
VIN = 0 or +2.4V
I+
2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com