Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD200 Datasheet (PDF) - Calogic, LLC

SD200 Datasheet PDF - Calogic, LLC
Part # SD200
Download  SD200 Download
File Size   27.53 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed Analog N-Channel Enhancement-Mode DMOS FETS

SD200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD200 Datasheet PDF - Calogic, LLC

Part # SD200
Download  SD200 Click to download

File Size   27.53 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed Analog N-Channel Enhancement-Mode DMOS FETS

SD200 Datasheet (HTML) - Calogic, LLC


SD200 Product details

DESCRIPTION
The SD200 series is manufactured utilizing Calogic’s proprietary DMOS design and processing techniques. The device is designed to operate well through 1 GHz while maintaining excellent frequency response, power gain, and low noise. The DMOS structure is an inherently low capacitance and very high speed design resulting in a device that bridges JFETS and GaAs products in performance characteristics.

FEATURES
• High gain . . . . . . . . . . . . . . . . . . . . . 8.0 dB min @ 1 GHz
• Low Noise. . . . . . . . . . . . . . . . . . . . . 5.0 dB max @ 1 GHz
   (SD202, SD203, SSTSD203)
   Low Interelectrode Capacitances

APPLICATIONS
• High Gain VHF/UHF Amplifiers
• Oscillators
• Mixers




Similar Part No. - SD200

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SD200 DBLECTRO-SD200 Datasheet
421Kb / 2P
Provides transparent RS232 serial cable replacement.
logo
List of Unclassifed Man...
SD200 ETC-SD200 Datasheet
536Kb / 2P
Bluetooth-serial adapter
logo
Astrodyne Corporation
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
200W Single Output DC-DC Converter
logo
Advanced Photonix, Inc.
SD200-11-21-241 ADVANCEDPHOTONIX-SD200-11-21-241 Datasheet
97Kb / 1P
Red Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD200-11-21-241 LUNA-SD200-11-21-241 Datasheet
193Kb / 2P
Red Enhanced Silicon Photodiode
More results


Similar Description - SD200

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Calogic, LLC
SD210 CALOGIC-SD210 Datasheet
29Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
Supertex, Inc
LNE150 SUTEX-LNE150 Datasheet
44Kb / 2P
N-Channel Enhancement-Mode DMOS FETs
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com