Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD210 Datasheet (PDF) - Calogic, LLC

SD210 Datasheet PDF - Calogic, LLC
Part # SD210
Download  SD210 Download
File Size   29.74 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed Analog N-Channel DMOS FETs

SD210 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD210 Datasheet PDF - Calogic, LLC

Part # SD210
Download  SD210 Click to download

File Size   29.74 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed Analog N-Channel DMOS FETs

SD210 Datasheet (HTML) - Calogic, LLC


SD210 Product details

DESCRIPTION
The Calogic SD210 is a 30V analog switch driver without a built-in protection diode from gate to substrate for use with SD212 and SD214 DMOS analog switches.

FEATURES
• High Input to Output Isolation . . . . . . . . . . . . . . . .  120dB
• Low On Resistance . . . . . . . . . . . . . . . . . . . . . . . . 30 Ohm
• Low Feedthrough and Feedback Transients
• Low Capacitance:
   –Input (Gate). . . . . . . . . . . . . . . . . . . . . . . . . . .  2.4pF typ.
   –Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .  1.3pF typ.
   –Feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . .  0.3pF typ.
• No protection Diode from Gate to Substrate for Very High Impedance Applications
• Maximum Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . ±40V

APPLICATIONS
SD210:
• Analog Switch Driver

SD212 and SD214:
• Analog Switches
• High-Speed Digital Switches
• Multiplexers
• A to D Converters
• D to A Converters
• Choppers
• Sample & Hold




Similar Part No. - SD210

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Calogic, LLC
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
N-Channel Depletion Mode Lateral DMOS FET
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD210DE LINEAR-SD210DE Datasheet
476Kb / 2P
N-CHANNEL LATERAL DMOS SWITCH
SD210DE LINEAR-SD210DE Datasheet
163Kb / 2P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
More results


Similar Description - SD210

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD211 CALOGIC-SD211 Datasheet
29Kb / 2P
High-Speed Analo N-Channel DMOS FETs
SD310 CALOGIC-SD310 Datasheet
35Kb / 3P
High-Speed Analog N-Channel DMOS FETs Improved On -Resistance
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
N-Channel Lateral DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Microchip Technology
LND150 MICROCHIP-LND150 Datasheet
580Kb / 16P
N-Channel Depletion-Mode DMOS FETs
08/15/18
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com