Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD211 Datasheet (PDF) - Calogic, LLC

SD211 Datasheet PDF - Calogic, LLC
Part # SD211
Download  SD211 Download
File Size   29.14 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed Analo N-Channel DMOS FETs

SD211 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD211 Datasheet PDF - Calogic, LLC

Part # SD211
Download  SD211 Click to download

File Size   29.14 Kbytes
Page   2 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed Analo N-Channel DMOS FETs

SD211 Datasheet (HTML) - Calogic, LLC


SD211 Product details

DESCRIPTION
The Calogic SD211 is a 30V analog switch driver with built-in protection diode from gate to substrate The SD211 is used with SD213 and SD215 DMOS analog switches.

FEATURES
• High Input to Output Isolation . . . . . . . . . . . . . . . . 120dB
• Low On Resistance . . . . . . . . . . . . . . . . . . . . . . . . 30 Ohm
• Low Feedthrough and Feedback Transients
• Low Capacitance:
   – Input (Gate). . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4pF typ.
   – Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3pF typ.
   – Feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3pF typ.
• Built-in Protection Diode from Gate to Substrate

APPLICATIONS
SD211:
• Analog Switch Driver

SD213 and SD215:
• Analog Switches
• High-Speed Digital Switches
• Multiplexers
• A to D Converters
• D to A Converters
• Choppers
• Sample & Hold




Similar Part No. - SD211

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SD211 LINEAR-SD211 Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD211 LINEAR-SD211 Datasheet
513Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD211 LINEAR-SD211 Datasheet
220Kb / 4P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
AVX Corporation
SD2114S020L0R1 AVX-SD2114S020L0R1 Datasheet
615Kb / 6P
Schottky Barrier Rectifier Diode
SD2114S020L0R1 AVX-SD2114S020L0R1 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results


Similar Description - SD211

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD210 CALOGIC-SD210 Datasheet
29Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SD310 CALOGIC-SD310 Datasheet
35Kb / 3P
High-Speed Analog N-Channel DMOS FETs Improved On -Resistance
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
N-Channel Lateral DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Microchip Technology
LND150 MICROCHIP-LND150 Datasheet
580Kb / 16P
N-Channel Depletion-Mode DMOS FETs
08/15/18
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com