Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD211 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SD211
Description  High-Speed Analo N-Channel DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD211 Datasheet(HTML) 1 Page - Calogic, LLC

  SD211 Datasheet HTML 1Page - Calogic, LLC SD211 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Speed Analo
N-Channel DMOS FETs
SD211 / SD213 / SD215
FEATURES
•• High Input to Output Isolation . . . . . . . . . . . . . . . . 120dB
•• Low On Resistance . . . . . . . . . . . . . . . . . . . . . . . . 30 Ohm
•• Low Feedthrough and Feedback Transients
•• Low Capacitance:
– Input (Gate). . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4pF typ.
– Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3pF typ.
– Feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3pF typ.
•• Built-in Protection Diode from Gate to Substrate
APPLICATIONS
SD211:
•• Analog Switch Driver
SD213 and SD215:
•• Analog Switches
•• High-Speed Digital Switches
•• Multiplexers
•• A to D Converters
•• D to A Converters
•• Choppers
•• Sample & Hold
DESCRIPTION
The Calogic SD211 is a 30V analog switch driver with built-in
protection diode from gate to substrate The SD211 is used
with SD213 and SD215 DMOS analog switches.
ORDERING INFORMATION
Part
Package
Temperature Range
SD211E
Hermetic TO-72 Package
-55
oC to +125oC
XSS211
Sorted Chips in Carriers
-55
oC to +125oC
SD213DE
Hermetic TO-72 Package
-55
oC to +125oC
XSD213
Sorted Chips in Carriers
-55
oC to +125oC
SD215DE
Hermetic TO-72 Package
-55
oC to +125oC
XSD215
Sorted Chips in Carriers
-55
oC to +125oC
CORPORATION
SCHEMATIC DIAGRAM (Top View)
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
1
2
3
4
GATE
DRAIN
SOURCE
BODY AND
CASE
BODY IS INTERNALLY CONNECTED
TO THE CASE
1Q-24
CD1-1
TO-72
G
D
C
S


Similar Part No. - SD211

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SD211 LINEAR-SD211 Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD211 LINEAR-SD211 Datasheet
513Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD211 LINEAR-SD211 Datasheet
220Kb / 4P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
AVX Corporation
SD2114S020L0R1 AVX-SD2114S020L0R1 Datasheet
615Kb / 6P
Schottky Barrier Rectifier Diode
SD2114S020L0R1 AVX-SD2114S020L0R1 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results

Similar Description - SD211

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD210 CALOGIC-SD210 Datasheet
29Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SD310 CALOGIC-SD310 Datasheet
35Kb / 3P
High-Speed Analog N-Channel DMOS FETs Improved On -Resistance
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD214 NJSEMI-SD214 Datasheet
93Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
N-Channel Lateral DMOS FETs
logo
Calogic, LLC
SD210DE CALOGIC-SD210DE_15 Datasheet
36Kb / 2P
High-Speed Analog N-Channel DMOS FETs
SSTSD203 CALOGIC-SSTSD203_15 Datasheet
34Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
New Jersey Semi-Conduct...
SD210 NJSEMI-SD210 Datasheet
149Kb / 2P
High-Speed Analog N-Channel DMOS FETs
logo
Microchip Technology
LND150 MICROCHIP-LND150 Datasheet
580Kb / 16P
N-Channel Depletion-Mode DMOS FETs
08/15/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com