Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

766 Datasheet (PDF) - C&D Technologies

766 Datasheet PDF - C&D Technologies
Part # 766
Download  766 Download
File Size   302.85 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Pulse Transformers

766 Datasheet (PDF)

Go To PDF Page Download Datasheet
766 Datasheet PDF - C&D Technologies

Part # 766
Download  766 Click to download

File Size   302.85 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Pulse Transformers

766 Datasheet (HTML) - C&D Technologies


766 Product details

[C&D Technologies (NCL) Ltd]



DESCRIPTION

The 766 series is a comprehensive range of general purpose pulse transformers. Common applications include line coupling, matching or isolating. The devices can also be used in small isolated power supplies and also as common-mode chokes in filtering applications. Please contact the technical support desk to discuss your requirements.



FEATURES

■ 6 Configurations

■ Inductance to 11mH

■ Toroidal Construction

■ Up to 50 VµS ET

■ Fully Encapsulated

■ PCB Mounting

■ Industry Standard Pinout

■ Isolation to 500VDC

■ UL 94V-0 Package Material



 




Similar Part No. - 766

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
766 CTS-766 Datasheet
140Kb / 5P
Leaded Surface Mount
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
766 MURATA-PS-766 Datasheet
150Kb / 4P
Pulse Transformers
2021
logo
Amphenol Wilcoxon Sensi...
766 WILCOXON-766 Datasheet
267Kb / 1P
Industrial accelerometers
Rev.I.1 12/18
logo
Keystone Electronics Co...
766 KEYSTONE-766 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results


Similar Description - 766

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
Pulse transformers
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
772 MURATA-PS-772 Datasheet
206Kb / 3P
Pulse Transformers
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com