Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

766 Datasheet(PDF) 2 Page - C&D Technologies

Part # 766
Description  Pulse Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

766 Datasheet(HTML) 2 Page - C&D Technologies

  766 Datasheet HTML 1Page - C&D Technologies 766 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
766 SERIES
Pulse Transformers
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies Inc.
Power Electronics Division
3400 E Britannia Drive,
Tucson, Arizona 85706 USA.
Tel: +1(800) 547–2537
Fax:+1(800) 77 0– 9369
email: info@cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NMP 766.4
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
MECHANICAL DIMENSIONS (6 PIN DIP PACKAGE STYLE)
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
12.70
10.16
PIN CONNECTION STYLE (6 PIN DIP - TOP VIEW)
0.56Ø ±0.05
2.54
2.54
1
3
5
2
4
6
8.89 max
5.84
6.35
5.08
5.08
5.08
10.00
1
12.70
10.16
0.56Ø ±0.05
2.54
2.54
1
3
5
2
6
8.89 max
5.84
6.35
10.00
2
12.70
10.16
0.56Ø ±0.05
1
5
2
6
8.89 max
5.84
6.35
10.00
3
602
1
613
1
610
6
Pri
Pri
Sec
Sec 1
Pri
Sec 2
Sec
1
5
A
B
1
5
C
1
3
5
2
6
Pri
Sec
1
3
5
E
2
6
Pri
Pri
Sec
Sec
1
3
5
F
2
4
6
1
5
G
2
6
Pri
Sec 1
Sec 2
1
3
5
H
2
4
6
2
6
2
4
6
Pri
Sec 1
Sec 2
D
1
3
5
2
4
6
YYWW
YYWW
YYWW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com