Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM2-XFPF Datasheet (PDF) - MRV Communications, Inc.

TM2-XFPF Datasheet PDF - MRV Communications, Inc.
Part # TM2-XFPF
Download  TM2-XFPF Download
File Size   326.7 Kbytes
Page   2 Pages
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.
Description LambdaDriver짰??0GE XFP - Dual Transponder Module with FEC (TM2-XFPF)

TM2-XFPF Datasheet (PDF)

Go To PDF Page Download Datasheet
TM2-XFPF Datasheet PDF - MRV Communications, Inc.

Part # TM2-XFPF
Download  TM2-XFPF Click to download

File Size   326.7 Kbytes
Page   2 Pages
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.
Description LambdaDriver짰??0GE XFP - Dual Transponder Module with FEC (TM2-XFPF)

TM2-XFPF Datasheet (HTML) - MRV Communications, Inc.




Similar Part No. - TM2-XFPF

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
More results


Similar Description - TM2-XFPF

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600-4CC10G MRV-EM1600-4CC10G Datasheet
2Mb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module(EM1600-4CC10G)
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
SFP Multi-Rate Dual OTN/FEC Transponder
EM1600-8CC10G MRV-EM1600-8CC10G_14 Datasheet
258Kb / 2P
LambdaDriver짰 ??0Gbps 8 ports XFP - EXC Module
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
TM2-XSFPFM MRV-TM2-XSFPFM Datasheet
1Mb / 2P
LambdaDriver짰??0Gbps - Dual Transponder Module with FEC
TM-40GT8 MRV-TM-40GT8 Datasheet
862Kb / 2P
LambdaDriver짰??DWDM 40Gbps Transponder
TM-DXFPF MRV-TM-DXFPF Datasheet
368Kb / 2P
LambdaDriver짰??0Gbps Transponder with FEC
TM-GM8XFP MRV-TM-GM8XFP Datasheet
248Kb / 2P
LambdaDriver짰 8x1GE Muxponder Module with XFP trunk
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com