Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680 Datasheet (PDF) - Analog Devices

AD7680 Datasheet PDF - Analog Devices
Part # AD7680
Download  AD7680 Download
File Size   1230.78 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP

AD7680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7680 Datasheet PDF - Analog Devices

Part # AD7680
Download  AD7680 Click to download

File Size   1230.78 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP

AD7680 Datasheet (HTML) - Analog Devices


AD7680 Product details

GENERAL DESCRIPTION
The AD7903 is a dual 16-bit, successive approximation, analog to-digital converter (ADC) that operates from a single power supply, VDDx, per ADC. It contains two low power, high speed, 16-bit sampling ADCs and a versatile serial port interface (SPI). On the CNVx rising edge, the AD7903 samples the voltage difference between the INx+ and INx− pins. The voltages on these pins usually swing in opposite phases between 0 V and VREF. The externally applied reference voltage of the REFx pins (VREF) can be set independently from the supply voltage pins, VDDx. The power of the device scales linearly with throughput.
Using the SDIx inputs, the SPI-compatible serial interface can also daisy-chain multiple ADCs on a single 3-wire bus and provide an optional busy indicator. It is compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate VIOx supplies.
The AD7903 is available in a 20-lead QSOP package with operation specified from −40°C to +125°C.

FEATURES
   16-bit resolution with no missing codes
   Throughput: 1 MSPS
   Low power dissipation
      7.0 mW at 1 MSPS (VDD1 and VDD2 only)
      12.0 mW at 1 MSPS (total)
      140 µW at 10 kSPS
   INL: ±0.5 LSB typical, ±2.0 LSB maximum
   SINAD: 93.5 dB at 1 kHz
   THD: −112 dB at 1 kHz
   True differential analog input range: ±VREF
      0 V to VREF with VREF between 2.4 V to 5.1 V
      Allows use of any input range
      Easy to drive with the ADA4941-1
   No pipeline delay
   Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic
      interface
   Serial port interface (SPI)/QSPI/MICROWIRE/DSP compatible
   20-lead QSOP package
   Wide operating temperature range: −40°C to +125°C

APPLICATIONS
   Battery-powered equipment
   Communications
   Automated test equipment (ATE)
   Data acquisition
   Medical instrumentation
   Redundant measurement
   Simultaneous sampling




Similar Part No. - AD7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7680 AD-AD7680 Datasheet
200Kb / 11P
3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
AD7680 AD-AD7680 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7680 AD-AD7680 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7680 AD-AD7680 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7680 AD-AD7680 Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Similar Description - AD7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7985 AD-AD7985 Datasheet
585Kb / 28P
16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Rev. C
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Rev. B
AD7903 AD-AD7903 Datasheet
1Mb / 29P
Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Rev. B
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com