Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL Datasheet (PDF) - C&D Technologies

NDL Datasheet PDF - C&D Technologies
Part # NDL
Download  NDL Download
File Size   202.13 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 2W Wide Input Single Output DC-DC Converters

NDL Datasheet (PDF)

Go To PDF Page Download Datasheet
NDL Datasheet PDF - C&D Technologies

Part # NDL
Download  NDL Click to download

File Size   202.13 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 2W Wide Input Single Output DC-DC Converters

NDL Datasheet (HTML) - C&D Technologies


NDL Product details

DESCRIPTION
The NDL series is a range of high performance miniature DC-DC converters having regulated outputs over the wide temperature range of –40°C to 85°C. The input voltage range is 2:1 with the output power at 2 watts and the input to output isolation is 1kVDC. Continuous short circuit protection, external control and extremely small SIP packaging provide state of the art functionality. The use of ceramic capacitors and a ceramic substrate, with a tough chip and wire bonded MOSFET power transistor die and SMD construction, provide genuine high reliability. Nominal input voltages of 5,12,24 and 48V with output voltages of 5,9,12 and 15V are available as standard with custom parts on request. The plastic case is rated to UL 94V-0 with encapsulant to UL 94V-1. Connection pins are phosphor bronze with a 60/40 tin lead solder dipped finish.

FEATURES
■ 2:1 Wide Range Voltage Input
■ Continuous Short Circuit Protection with Current Foldback
■ Operating Temperature Range –40°C to 85°C
■ 0.5% Regulation
■ 1kVDC Isolation
■ Efficiency to 83%
■ 5V, 12V, 24V & 48V Nominal Input
■ 5V, 9V, 12V & 15V Output
■ Power Density 0.9W/cm3
■ External Control
■ No Electrolytic Capacitors
■ Low Noise
■ Fully Encapsulated




Similar Part No. - NDL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDL AMPHENOL-NDL Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Murata Power Solutions ...
NDL MURATA-PS-NDL Datasheet
288Kb / 6P
Isolated 2W Wide Input Single Output DC-DC Converters
2023
logo
Neutrik AG
NDL NEUTRIK-NDL Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
Murata Manufacturing Co...
NDL0505SC MURATA-NDL0505SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
More results


Similar Description - NDL

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
2W Isolated Wide Input Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com