Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL Datasheet(PDF) 2 Page - C&D Technologies

Part # NDL
Description  Isolated 2W Wide Input Single Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NDL Datasheet(HTML) 2 Page - C&D Technologies

  NDL Datasheet HTML 1Page - C&D Technologies NDL Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NDL SERIES
Isolated 2W Wide Input Single Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NDC NDL.4
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
RECOMMENDED TEST CIRCUIT
NDL05 POWER DERATING CURVE
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1000VDC
1
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Swiching Frequency
MAX rated load to MIN rated load 100
600
kHz
Control Pin (CTRL)
Control voltage applied via 1k0 resistor,
Input Current
output voltage must reduce to 0V
4.0
6.0
mA
NDL
COUT
CIN
VIN
+VOUT
GND
5V & 12V: CIN 100µF, 25V Philips Part No.13556101
24V & 48V: CIN 10µF, 200V Philips Part No.15162109
100µF, 25V
Philips Part No.
13556101
OV
2.5
2.0
1.5
1.0
0.5
0
1.75
4.5 5
6
7
8
9
Input Voltage (V)
21.80
9.20
11.10
4.60
3.60
0.55
0.45
MECHANICAL DIMENSIONS
2.54
3.20
0.30 max
0.20 min
2.01±0.50
NDL4805S
XYYWW
ENVIRONMENTAL
Parameter
Conditions
MIN
TYP
MAX
Units
Operation
-40
85
°C
Storage
-50
130
°C
Cooling
Free air convection
1 2
3
5
6
7
8
PIN
1
GND
2
VIN
3
CTRL
5*
IC
6
+VOUT
7
0V
8
CS
Weight: 5.0g
*Pin 5 is internally connected and must have no external connection
All dimensions in mm XX.XX ±0.25mm. All pins on a 2.54mm pitch and
within ±0.25mm of true position.
CTRL (PIN 3)
Provides an on/off function. The converter
is on when CTRL is not connected or high
impedance (Z). The CTRL pin will turn the
converter off as indicated in general
characteristics.
CS (PIN 8)
Additional capacitance, up to 100uF can be
added from CS to pin 7. A low ESR
capacitor if fitted will precede the output filter
inductor and will improve ripple and noise.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com