Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPH15S Datasheet (PDF) - C&D Technologies

NPH15S Datasheet PDF - C&D Technologies
Part # NPH15S
Download  NPH15S Download
File Size   134.29 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 15W Single Output DC-DC Converters

NPH15S Datasheet (PDF)

Go To PDF Page Download Datasheet
NPH15S Datasheet PDF - C&D Technologies

Part # NPH15S
Download  NPH15S Click to download

File Size   134.29 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 15W Single Output DC-DC Converters

NPH15S Datasheet (HTML) - C&D Technologies


NPH15S Product details

DESCRIPTION
The NPH15S series of DC-DC Converters combines ease of application with versatility.
The pin pattern is based on the popular industry standard, but two additional pins may optionally be fitted to provide a variety of features not commonly found on units of this type. High efficiency enables full rating to be achieved in a small package without heatsinking, and a high surge capability will provide for start-up and transient loads, whilst being thermally protected against sustained overload. Overload protection of the “constant current” type ensures start-up into complex load conditions. The copper case achieves efficient heat transfer and screening. The product range has been recognised by Underwriters Laboratory (UL) to UL 1950 for operational insulation, file number E179522 applies.

FEATURES
■ High Efficiency to 89%
■ Power Density up to 2.4W/cm3 (39W/in3)
■ 1.5kV Input to Output Isolation
■ Industry Standard Pinout
■ UL 1950 Recognised
■ Non Latching Current Limit
■ Constant 350kHz Frequency
■ Versatile Control Options
■ Continuous Rating to 30W at 40°C Without Heatsink
■ Operation to Zero Load
■ Protected Against Load Faults
■ Internal Over Temperature Protection
■ Uses No Electrolytic Capacitors
■ UL 94V-0 Package Materials




Similar Part No. - NPH15S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH15S CANDD-NPH15S Datasheet
753Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2403EIC MURATA-NPH15S2403EIC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S2403EiC MURATA-PS-NPH15S2403EiC Datasheet
190Kb / 8P
Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2403IC MURATA-NPH15S2403IC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
More results


Similar Description - NPH15S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
15W Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
15W SINGLE OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
Isolated 15W Single Output DC-DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com