Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AATIAN22 Datasheet (PDF) - SiGe Semiconductor, Inc.

AATIAN22 Datasheet PDF - SiGe Semiconductor, Inc.
Part # AATIAN22
Download  AATIAN22 Download
File Size   850.52 Kbytes
Page   11 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 3MHz Fast Transient 400mA Step-Down Converter

AATIAN22 Datasheet (PDF)

Go To PDF Page Download Datasheet
AATIAN22 Datasheet PDF - SiGe Semiconductor, Inc.

Part # AATIAN22
Download  AATIAN22 Click to download

File Size   850.52 Kbytes
Page   11 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 3MHz Fast Transient 400mA Step-Down Converter

AATIAN22 Datasheet (HTML) - SiGe Semiconductor, Inc.




Similar Part No. - AATIAN22

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN23 SIGE-AATIAN23 Datasheet
237Kb / 4P
1A Buck DC/DC Switch Mode Regulator
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
850kHz 700mA Buck Regulator
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
850kHz 1A Buck Regulator
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
1MHz 3A Buck DC/DC Switch Mode Regulator
More results


Similar Description - AATIAN22

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146 Datasheet
767Kb / 20P
Fast Transient 400mA Step-Down Converter
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
AAT1149 ANALOGICTECH-AAT1149 Datasheet
1Mb / 20P
3MHz Fast Transient 400mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
Fast Transient 400mA Step-Down Converter
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
3MHz Fast Transient 400mA Step-Down Converter
AAT1149A ANALOGICTECH-AAT1149A Datasheet
1Mb / 17P
2.2MHz Fast Transient 400mA Step-Down Converter
AAT1149B ANALOGICTECH-AAT1149B Datasheet
1Mb / 17P
2.2MHz Fast Transient 400mA Step-Down Converter
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com