Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH Datasheet (PDF) - C&D Technologies

NTH Datasheet PDF - C&D Technologies
Part # NTH
Download  NTH Download
File Size   609.19 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 2W Dual Output SM DC-DC Converters

NTH Datasheet (PDF)

Go To PDF Page Download Datasheet
NTH Datasheet PDF - C&D Technologies

Part # NTH
Download  NTH Click to download

File Size   609.19 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 2W Dual Output SM DC-DC Converters

NTH Datasheet (HTML) - C&D Technologies


NTH Product details

DESCRIPTION

The NTH series of miniature surface mounted DC-DC Converters employ leadframe technology and transfer moulding techniques to bring all of the benefits of IC style packaging to hybrid circuitry. The component lead termination of this product range is lead free compatible, therefore the converter can be soldered in a lead-free soldering process. The devices are fully compatible with CECC00802 to 280°C which allows them to be placed and reflowed with IC’s, thus reducing time and cost in production. Coplanarity of the lead positions is based upon IEC 191-6:1990. The devices are suitable for all applications where high volume production is envisaged.



FEATURES

■ Wide Temperature Performance at Full 2 Watt Load, –40°C to 85°C

■ Lead Frame Technology

■ CECC00802 Reflow (280°C)

■ Dual Isolated Output

■ 1kVDC Isolation

■ Efficiency to 84%

■ Power Density 1.54W/cm3

■ 5V & 12V Input

■ 5V, 9V, 12V and 15V Output

■ Footprint Over Pins 3.16cm2

■ UL 94V-0 Package Material

■ No Heatsink Required

■ Internal SMD Construction

■ MTTF up to 2.1 Million Hours

■ Custom Solutions Available

■ Multi Layer Ceramic Capacitors

■ Lead Free Compatible




Similar Part No. - NTH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH027N65S3F ONSEMI-NTH027N65S3F Datasheet
515Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
August, 2019-Rev. 4
logo
Inchange Semiconductor ...
NTH027N65S3F ISC-NTH027N65S3F Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NTH027N65S3F-F155 ONSEMI-NTH027N65S3F-F155 Datasheet
515Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
August, 2019-Rev. 4
logo
List of Unclassifed Man...
NTH030A3 ETC1-NTH030A3 Datasheet
121Kb / 3P
Crystal Clock Oscillator
NTH030A3 ETC1-NTH030A3 Datasheet
121Kb / 3P
Crystal Clock Oscillator
More results


Similar Description - NTH

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
Isolated 2W Dual Output DC/DC Converters
NXJ2 MURATA-PS-NXJ2 Datasheet
694Kb / 13P
Isolated 2W Single Output SM DC-DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com