Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH Datasheet(PDF) 1 Page - C&D Technologies

Part # NTH
Description  Isolated 2W Dual Output SM DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NTH Datasheet(HTML) 1 Page - C&D Technologies

  NTH Datasheet HTML 1Page - C&D Technologies NTH Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTH SERIES
Isolated 2W Dual Output SM DC-DC Converters
www.dc-dc.com
SELECTION GUIDE
FEATURES
I Wide Temperature Performance at
Full 2 Watt Load, –40°C to 85°C
I Lead Frame Technology
I CECC00802 Reflow (280°C)
I Dual Isolated Output
I 1kVDC Isolation
I Efficiency to 84%
I Power Density 1.54W/cm3
I 5V & 12V Input
I 5V, 9V, 12V and 15V Output
I Footprint Over Pins 3.16cm2
I UL 94V-0 Package Material
I No Heatsink Required
I Internal SMD Construction
I MTTF up to 2.1 Million Hours
I Custom Solutions Available
I Multi Layer Ceramic Capacitors
I Lead Free Compatible
DESCRIPTION
The NTH series of miniature surface mounted
DC-DC Converters employ leadframe
technology and transfer moulding techniques
to bring all of the benefits of IC style
packaging to hybrid circuitry. The component
lead termination of this product range is lead-
free compatible, therefore the converter can
be soldered in a lead-free soldering process.
The devices are fully compatible with
CECC00802 to 280°C which allows them to
be placed and reflowed with IC’s, thus
reducing time and cost in production. Co-
planarity of the lead positions is based upon
IEC 191-6:1990. The devices are suitable for
all applications where high volume
production is envisaged.
Nominal
Input
Input
Output
Output
Current at
Isolation
Voltage
Voltage
Current
Rated Load Efficiency
Capacitance MTTF1
Order Code5
(V)
(V)
(mA)
(mA)
(%)
(pF)
kHrs
NTH0505M
5
5
±200
500
80
24
1547
NTH0509M
5
9
±111
494
81
28
663
NTH0512M
5
12
±83
488
82
30
338
NTH0515M
5
15
±67
476
84
33
187
NTH1205M
12
5
±200
208
80
35
490
NTH1209M
12
9
±111
201
83
55
343
NTH1212M
12
12
±83
198
84
63
229
NTH1215M
12
15
±67
198
84
66
148
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve.
3 12V input types have typically 3% less load regulation change.
4 Supply voltage must be discontinued at the end of the short circuit duration.
5 If components are required in tape and reel format suffix order code with -R, e.g. NTH0505M-R
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
Parameter
Conditions
MIN
TYP
MAX
Units
Voltage Range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types 10.8
12
13.2
Reflected Ripple Current
5V input types
50
mA p-p
12V input types
70
Short circuit duration4
1second
Internal power dissipation
550mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input Voltage VIN , NTH05 types
7V
Input voltage VIN , NTH12 types
15V
INPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
T
A = – 40°C to 85°C
2.0
W
Output Voltage
NTH0505
–5.0
7.5
%
Accuracy
All other variants
–5.0
5.0
Line regulation
High V
IN to low VIN
1.0
1.2
%/%
10% load to rated load, 5V output types
5.0
10
Load Regulation3
10% load to rated load,
%
9V,12V & 15V output types
3.0
10
Ripple and Noise
BW=DC to 20MHz, 5V output types
150
200
mV p-p
BW=DC to 20MHz, 9V output types
100
150
BW=DC to 20MHz, 12V output types
80
150
BW=DC to 20MHz, 15V output types
70
150
OUTPUT CHARACTERISTICS
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=500VDC
1
10
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
All 5V input types
95
kHz
All 12V input types
90


Similar Part No. - NTH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH027N65S3F ONSEMI-NTH027N65S3F Datasheet
515Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
August, 2019-Rev. 4
logo
Inchange Semiconductor ...
NTH027N65S3F ISC-NTH027N65S3F Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NTH027N65S3F-F155 ONSEMI-NTH027N65S3F-F155 Datasheet
515Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 75 A, 27.4 m
August, 2019-Rev. 4
logo
List of Unclassifed Man...
NTH030A3 ETC1-NTH030A3 Datasheet
121Kb / 3P
Crystal Clock Oscillator
NTH030A3 ETC1-NTH030A3 Datasheet
121Kb / 3P
Crystal Clock Oscillator
More results

Similar Description - NTH

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
Isolated 2W Dual Output DC/DC Converters
NXJ2 MURATA-PS-NXJ2 Datasheet
694Kb / 13P
Isolated 2W Single Output SM DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com