Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX1000 Datasheet (PDF) - C&D Technologies

TX1000 Datasheet PDF - C&D Technologies
Part # TX1000
Download  TX1000 Download
File Size   161.94 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 1000 WATT AC/DC POWER SUPPLY

TX1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX1000 Datasheet PDF - C&D Technologies

Part # TX1000
Download  TX1000 Click to download

File Size   161.94 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 1000 WATT AC/DC POWER SUPPLY

TX1000 Datasheet (HTML) - C&D Technologies


TX1000 Product details

DESCRIPTION
The TX1000 Series of single-output, 1kW power supplies are fully featured for usage worldwide. With active Power Factor Correction (PFC) to EN61000-3-2, wide-range input of 90-264VAC, EMI compliance to FCC and CISPR 22, “CE” Mark, and immunity to EN61000-4, the TX1000 series is ready for global deployment. Standard features include remote sense compensation, output voltage adjustment, active current sharing, remote inhibit, power fail warning, DC OK signal, and thermal shutdown. A complete array of output voltages from 2.5 to 48 VDC is available.

FEATURES
● Harmonic Correction to EN61000-3-2
● Wide Range Input of 90-264VAC
● FCC / CISPR 22 Class A EMI Filtering
● Typical Power Factor of 0.99
● Active Current Sharing
● Self-Cooled 5”x 4.88”x 12” Chassis
● 70-80% Efficiency
● Optional ORing Diode
● UL, CSA, and VDE compliant
● CE Marked
● EN61000-4 Immunity




Similar Part No. - TX1000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TX1000 CANDD-TX1000 Datasheet
366Kb / 4P
1000 Watt, Single Output, AC/DC Power Supply
More results


Similar Description - TX1000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX301 CANDD-NX301 Datasheet
64Kb / 4P
300 WATT AC/DC POWER SUPPLY
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
2000 WATT AC/DC POWER SUPPLY
TPS_TX1000 CANDD-TPS_TX1000 Datasheet
366Kb / 4P
1000 Watt, Single Output, AC/DC Power Supply
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
AOPS1000 ETA-USA-AOPS1000 Datasheet
905Kb / 7P
1000 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TXL1000 TRACOPOWER-TXL1000 Datasheet
401Kb / 4P
AC/DC Enclosed Power Supply TXL 1000 Series, 1000 Watt
Rev. June 29, 2021
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com