Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPN30R Datasheet (PDF) - C&D Technologies

WPN30R Datasheet PDF - C&D Technologies
Part # WPN30R
Download  WPN30R Download
File Size   120.11 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER

WPN30R Datasheet (PDF)

Go To PDF Page Download Datasheet
WPN30R Datasheet PDF - C&D Technologies

Part # WPN30R
Download  WPN30R Click to download

File Size   120.11 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER

WPN30R Datasheet (HTML) - C&D Technologies


WPN30R Product details

The WPN30R Series is a family of high performance DC/DC converters. The unit is housed in a space-saving shell and combines low cost with high performance across all line and load conditions.

● 36 - 75V Input Range
● Industry Standard Pinouts
● Input & Output Filtering
● Extended Temperature Range: -40°C to +100°C Baseplate
● Remote On/Off Function
● Input Reverse Voltage Protection
● Fixed Frequency Operation
● Short Circuit Protection
● UL/CUL 60950, VDE EN60950




Similar Part No. - WPN30R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN30R CANDD-WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S03 CANDD-WPN30R48S03 Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S05 CANDD-WPN30R48S05 Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S12 CANDD-WPN30R48S12 Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
WPN30R48S15 CANDD-WPN30R48S15 Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
More results


Similar Description - WPN30R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com