Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA60XS Datasheet (PDF) - C&D Technologies

VKA60XS Datasheet PDF - C&D Technologies
Part # VKA60XS
Download  VKA60XS Download
File Size   459.65 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER

VKA60XS Datasheet (PDF)

Go To PDF Page Download Datasheet
VKA60XS Datasheet PDF - C&D Technologies

Part # VKA60XS
Download  VKA60XS Click to download

File Size   459.65 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER

VKA60XS Datasheet (HTML) - C&D Technologies


VKA60XS Product details

The VKA60xS Series DC/DC converters present an economical and practical solution for distributed power system architectures which require high power density and efficiency while maintaining system modularity and upgradeability. With the ability to operate over a wide input voltage range of 18 to 36 and 33 to 75 volts, these modules are ideal for use in battery backup applications common in todays telecommunication and electronic data processing applications. The output is fully isolated from the input, allowing for a variety of polarity and grounding configurations.

● 18-36 V & 33 - 75V Input Range
● High Efficiency: 87% Typical at 5V
● 100µS Transient Response 50- 100%Load Step
● 420 kHz Fixed-Frequency Operation
● Remote Sense
● Operation to +100°C Baseplate Temperature
● Primary Remote On/Off, Choice of Pos/Neg Logic
● Adjustable Output Voltage
● Continuout Short-Circuit Protection
● Thermal Shutdown
● Case Ground Pin




Similar Part No. - VKA60XS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKA60LS03C MURATA-PS-VKA60LS03C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS05C MURATA-PS-VKA60LS05C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS12C MURATA-PS-VKA60LS12C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS15C MURATA-PS-VKA60LS15C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
VKA60LS24C MURATA-PS-VKA60LS24C Datasheet
219Kb / 4P
60 Watt Single Output Half Brick
More results


Similar Description - VKA60XS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA50XS CANDD-VKA50XS Datasheet
460Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com