Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA60XS Datasheet(PDF) 4 Page - C&D Technologies

Part # VKA60XS
Description  50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKA60XS Datasheet(HTML) 4 Page - C&D Technologies

  VKA60XS Datasheet HTML 1Page - C&D Technologies VKA60XS Datasheet HTML 2Page - C&D Technologies VKA60XS Datasheet HTML 3Page - C&D Technologies VKA60XS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
VKA60xS
Rev C
3/2001
Product: www.cdpowerelectronics.com
1.000
[25.40]
1.400
[35.56]
2.000
[50.80]
0.19 [4.8]
0.20 [5.1]
0.50 [12.7]
0.40 [10.16]
0.530 MAX
[13.46]
0.20 [5.1]
.040 [1.02] DIA.
7 PLACES
.081 [2.06] DIA.
2 PLACES
1.400
[35.56]
1.000
[25.40]
0.700
[17.78]
.400 [10.16]
1.900
[48.26]
2.28
[57.91]
MAX
MOUNTING INSERTS M3 X 0.5 THRU, 4 PLACES
MAX. TORQUE, 8 IN/LBS
2.40
[61.0]
MAX
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537
Fax: 520.770.9369
C&D Technologies (Power Electronics) Ltd.
Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
C&D Technologies, (NCL)
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
MECHANICAL
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be
accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and in
user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Special attention should be given to the peak voltage
deviation during a dynamic load step when trimming
the output above the original set point to avoid
tripping the overvoltage protection circuit. Should an
OVP condition occur, the converter will go into a
latch condition and must be externally reset before it
will return to normal operation.
This feature allows the user to accurately adjust the
module's output voltage set point to a specified level.
This is achieved by connecting a resistor or potentiometer
from the TRIM terminal to either the +Vout terminal (for
increased Vout) or the -Vout terminal (for decreased
Vout). The formulae below describe the trim resistor
value to obtain a Vout change of
∆%. VO is output
voltage prior to adjustment (3.3V, 5V, 12V, 15V, or 24V).
Radj - up =
(
Vo(100 +
∆%) _ (100 + 2∆%) ) kΩ
1.225
∆%
∆%
Radj - down =
(100 - 2) kΩ
∆%
NOTES:
All dimensions are in inches (millimeters).
PIN PLACEMENT TOLERANCE: ± 0.005"
MECHANICAL TOLERANCE: ± 0.015"
Marked with: specific modeL ordered, date code, job code.
MATERIAL: Units are encapsulated in a low thermal
resistance molding compound which has excellent chemical
resistance and electrical properties in high humidity
environments and over a wide operating temperature range.
The encapsulant and outer shell of the unit have UL94V-0
ratings. Lead material is solder plated to allow ease of
solderability.
OUTPUT ADJUST VOLTAGE
OVP NOTE
VKA60xS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com