Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5696 Datasheet (PDF) - Analog Devices

AD5696 Datasheet PDF - Analog Devices
Part # AD5696
Download  AD5696 Download
File Size   664.27 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 16-/12-Bit nanoDAC with I2C Interface

AD5696 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5696 Datasheet PDF - Analog Devices

Part # AD5696
Download  AD5696 Click to download

File Size   664.27 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 16-/12-Bit nanoDAC with I2C Interface

AD5696 Datasheet (HTML) - Analog Devices


AD5696 Product details

GENERAL DESCRIPTION
The AD5696 and AD5694, members of the nanoDAC+™ family, are low power, quad, 16-/12-bit buffered voltage output DACs. The devices include a gain select pin giving a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). The devices operate from a single 2.7 V to 5.5 V supply, are guaranteed monotonic by design, and exhibit less than 0.1% FSR gain error and 1.5 mV offset error performance. The devices are available in a 3 mm × 3 mm LFCSP package and in a TSSOP package.

FEATURES
   High relative accuracy (INL): ±2 LSB maximum at 16 bits
   Tiny package: 3 mm × 3 mm, 16-lead LFCSP
   Total unadjusted error (TUE): ±0.1% of FSR maximum
  
   Offset error: ±1.5 mV maximum
   Gain error: ±0.1% of FSR maximum
   High drive capability: 20 mA, 0.5 V from supply rails
   User-selectable gain of 1 or 2 (GAIN pin)
   Reset to zero scale or midscale (RSTSEL pin)
   1.8 V logic compatibility
   400 kHz I2C-compatible serial interface
   4 I2C addresses available
   Low glitch: 0.5 nV-sec
   Robust 3.5 kV HBM and 1.5 kV FICDM ESD rating
   Low power: 1.8 mW at 3 V
   2.7 V to 5.5 V power supply
   −40°C to +105°C temperature range

APPLICATIONS
   Digital gain and offset adjustment
   Programmable attenuators
   Process control (PLC I/O cards)
   Industrial automation
   Data acquisition systems




Similar Part No. - AD5696

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696ACPZ-RL7 AD-AD5696ACPZ-RL7 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696ARUZ AD-AD5696ARUZ Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696ARUZ-RL7 AD-AD5696ARUZ-RL7 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696BCPZ-RL7 AD-AD5696BCPZ-RL7 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
More results


Similar Description - AD5696

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5693R AD-AD5693R Datasheet
867Kb / 26P
Tiny 16-/14-/12-Bit I2C nanoDAC
2/2017-Rev. C to Rev. D
AD5316R AD-AD5316R Datasheet
1Mb / 24P
Quad, 10-Bit nanoDAC Reference, I2C Interface
5/2017-Rev. B to Rev. C
AD5686 AD-AD5686 Datasheet
746Kb / 27P
Quad, 16-/12-Bit nanoDAC
6/2017-Rev. B to Rev. C
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
4/2017-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com