Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24WC03J Datasheet (PDF) - Catalyst Semiconductor

CAT24WC03J Datasheet PDF - Catalyst Semiconductor
Part # CAT24WC03J
Download  CAT24WC03J Download
File Size   43.23 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2K/4K/8K/16K-Bit Serial E2PROM

CAT24WC03J Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT24WC03J Datasheet PDF - Catalyst Semiconductor

Part # CAT24WC03J
Download  CAT24WC03J Click to download

File Size   43.23 Kbytes
Page   8 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2K/4K/8K/16K-Bit Serial E2PROM

CAT24WC03J Datasheet (HTML) - Catalyst Semiconductor


CAT24WC03J Product details

DESCRIPTION
The CAT24WC03/05/09/17 is a 2K/4K/8K/16K-bit Serial CMOS E2PROM internally organized as 256/512/1024/2048 words of 8 bits each. Catalyst’s advanced CMOS technology substantially reduces device power requirements. The CAT24WC03/05/09/17 features a 16-byte page write buffer. The device operates via the I2C bus serial interface, has a special write protection feature, and is available in 8-pin DIP or 8-pin SOIC

FEATURES
■ 400 KHZ I2C Bus Compatible*
■ 1.8 to 6.0Volt Operation
■ Low Power CMOS Technology
■ Write Protect Feature
   –Top 1/2 Array Protected When WP at VIH
■ 16-Byte Page Write Buffer
■ Self-Timed Write Cycle with Auto-Clear
■ 1,000,000 Program/Erase Cycles
■ 100 Year Data Retention
■ 8-pin DIP, 8-pin SOIC and 8-pin TSSOP Package
■ Commercial, Industrial and Automotive Temperature Ranges




Similar Part No. - CAT24WC03J

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC03J-1.8TE13 CATALYST-CAT24WC03J-1.8TE13 Datasheet
362Kb / 14P
2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24WC03JA-1.8TE13 CATALYST-CAT24WC03JA-1.8TE13 Datasheet
362Kb / 14P
2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24WC03JATE13 CATALYST-CAT24WC03JATE13 Datasheet
362Kb / 14P
2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24WC03JE-1.8TE13 CATALYST-CAT24WC03JE-1.8TE13 Datasheet
362Kb / 14P
2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24WC03JETE13 CATALYST-CAT24WC03JETE13 Datasheet
362Kb / 14P
2K/4K-Bit Serial EEPROM with Partial Array Write Protection
More results


Similar Description - CAT24WC03J

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com