Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28F512 Datasheet (PDF) - Catalyst Semiconductor

CAT28F512 Datasheet PDF - Catalyst Semiconductor
Part # CAT28F512
Download  CAT28F512 Download
File Size   97.22 Kbytes
Page   14 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 512K-Bit CMOS Flash Memory

CAT28F512 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28F512 Datasheet PDF - Catalyst Semiconductor

Part # CAT28F512
Download  CAT28F512 Click to download

File Size   97.22 Kbytes
Page   14 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 512K-Bit CMOS Flash Memory

CAT28F512 Datasheet (HTML) - Catalyst Semiconductor


CAT28F512 Product details

DESCRIPTION
The CAT28F512 is a high speed 64K x 8-bit electrically erasable and reprogrammable Flash memory ideally suited for applications requiring in-system or after-sale code updates. Electrical erasure of the full memory contents is achieved typically within 0.5 second.
It is pin and Read timing compatible with standard EPROM and EEPROM devices. Programming and Erase are performed through an operation and verify algorithm. The instructions are input via the I/O bus, using a two write cycle scheme. Address and Data are latched to free the I/O bus and address bus during the write operation.

FEATURES
■ Fast Read Access Time: 90/120/150 ns
■ Low Power CMOS Dissipation:
   –Active: 30 mA max (CMOS/TTL levels)
   –Standby: 1 mA max (TTL levels)
   –Standby: 100 µA max (CMOS levels)
■ High Speed Programming:
   –10 µs per byte
   –1 Sec Typ Chip Program
■ 12.0V ± 5% Programming and Erase Voltage
■ Electronic Signature
■ Commercial, Industrial and Automotive Temperature Ranges
■ Stop Timer for Program/Erase
■ On-Chip Address and Data Latches
■ JEDEC Standard Pinouts:
   –32-pin DIP
   –32-pin PLCC
   –32-pin TSOP ( 8 x 20)
■ 100,000 Program/Erase Cycles
■ 10 Year Data Retention
■ "Green" Package Options Available




Similar Part No. - CAT28F512

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
428Kb / 15P
512K-Bit CMOS Flash Memory
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Catalyst Semiconductor
CAT28F512G-12T CATALYST-CAT28F512G-12T Datasheet
428Kb / 15P
512K-Bit CMOS Flash Memory
CAT28F512G-15T CATALYST-CAT28F512G-15T Datasheet
428Kb / 15P
512K-Bit CMOS Flash Memory
CAT28F512G-90T CATALYST-CAT28F512G-90T Datasheet
428Kb / 15P
512K-Bit CMOS Flash Memory
More results


Similar Description - CAT28F512

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
512K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
512K(64Kx8)CMOS FLASH MEMORY
logo
fujitsu semiconductor
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
512K-Bit CMOS Flash Memory
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
512K 횞 8 CMOS FLASH MEMORY
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
512K-BIT Serial Flash Memory
VER 1.2
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com