Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE021 Datasheet (PDF) - California Eastern Labs

NE021 Datasheet PDF - California Eastern Labs
Part # NE021
Download  NE021 Download
File Size   184.42 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description HIGH INSERTION GAIN: 18.5 dB at 500 MHz

NE021 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE021 Datasheet PDF - California Eastern Labs

Part # NE021
Download  NE021 Click to download

File Size   184.42 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description HIGH INSERTION GAIN: 18.5 dB at 500 MHz

NE021 Datasheet (HTML) - California Eastern Labs


NE021 Product details

DESCRIPTION

NECs NE021 series of NPN silicon transistors provides economical solutions to wide ranges of amplifier and oscillator problems. Low noise and high current capability provide low intermodulation distortion. The NE021 series is available as a chip or in several package styles. The series uses the NEC gold, platinum, titanium, and platinum-silicide metallization system to provide the utmost in reliability. NE02107 is available in both common-base and common-emitter configurations and has been qualified for high-reliability space applications.



FEATURES

• HIGH INSERTION GAIN: 18.5 dB at 500 MHz

• LOW NOISE FIGURE: 1.5 dB at 500 MHz

• HIGH POWER GAIN: 12 dB at 2 GHz

• LARGE DYNAMIC RANGE: 19 dBm at 1 dB, 2 GHz Gain Compression




Similar Part No. - NE021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE021 NEC-NE021 Datasheet
635Kb / 14P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE02100 ETC-NE02100 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
NE02103 ASI-NE02103 Datasheet
38Kb / 1P
NPN SILICON RF TRANSISTOR
logo
List of Unclassifed Man...
NE02107 ETC-NE02107 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NE021

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
750 MHz, 18.5 dB gain power doubler amplifier
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
1000 MHz, 18.5 dB gain push-pull amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com