Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128 Datasheet (PDF) - ATMEL Corporation

AT24C128 Datasheet PDF - ATMEL Corporation
Part # AT24C128
Download  AT24C128 Download
File Size   367.93 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROMs

AT24C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C128 Datasheet PDF - ATMEL Corporation

Part # AT24C128
Download  AT24C128 Click to download

File Size   367.93 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROMs

AT24C128 Datasheet (HTML) - ATMEL Corporation


AT24C128 Product details

Description
The AT24C128/256 provides 131,072/262,144 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The device’s cascadable feature allows up to 4 devices to share a common Two-wire bus. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The devices are available in space-saving 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead MAP (24C128), 8-lead TSSOP, 8-lead SOIC Array Package and 8-ball dBGA2 packages. In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 3.6V) versions.

Features
• Low-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
   – 1.8 (VCC = 1.8V to 3.6V)
• Internally Organized 16,384 x 8 and 32,768 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (2.7V, 2.5V) and 100 kHz (1.8V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 64-byte Page Write Mode (Partial Page Writes Allowed)
• Self-timed Write Cycle (5 ms Max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 40 Years
• Extended Temperature and Lead-free/Halogen-free Devices Available
• 8-lead JEDEC PDIP, 8-lead JEDEC and EIAJ SOIC, 8-lead MAP, 8-lead TSSOP,
   8-lead SAP and 8-ball dBGA2 Packages
• Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers




Similar Part No. - AT24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
397Kb / 23P
Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
410Kb / 17P
Two-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C128-10CC ATMEL-AT24C128-10CC Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
More results


Similar Description - AT24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
Two-wire Automotive Temperature Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com