Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD584K Datasheet (PDF) - Analog Devices

AD584K Datasheet PDF - Analog Devices
Part # AD584K
Download  AD584K Download
File Size   515.33 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pin Programmable, Precision Voltage Reference

AD584K Datasheet (PDF)

Go To PDF Page Download Datasheet
AD584K Datasheet PDF - Analog Devices

Part # AD584K
Download  AD584K Click to download

File Size   515.33 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pin Programmable, Precision Voltage Reference

AD584K Datasheet (HTML) - Analog Devices


AD584K Product details

GENERAL DESCRIPTION
The AD584 is an 8-terminal precision voltage reference offering pin programmable selection of four popular output voltages: 10.000 V, 7.500 V, 5.000 V and 2.500 V. Other output voltages, above, below, or between the four standard outputs, are available by the addition of external resistors. The input voltage can vary between 4.5 V and 30 V.
Laser wafer trimming (LWT) is used to adjust the pin programmable output levels and temperature coefficients, resulting in the most flexible high precision voltage reference available in monolithic form.

FEATURES
   Four programmable output voltages
      10.000 V, 7.500 V, 5.000 V, and 2.500 V
   Laser-trimmed to high accuracies
   No external components required
   Trimmed temperature coefficient
      15 ppm/°C maximum, 0°C to 70°C (AD584K)
      15 ppm/°C maximum, −55°C to +125°C (AD584T)
   Zero output strobe terminal provided
   2-terminal negative reference: capability (5 V and above)
   Output sources or sinks current
   Low quiescent current: 1.0 mA maximum
   10 mA current output capability
   MIL-STD-883 compliant versions available




Similar Part No. - AD584K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584K AD-AD584K Datasheet
304Kb / 8P
Pin Programmable Precision Voltage Reference
AD584KH AD-AD584KH Datasheet
304Kb / 8P
Pin Programmable Precision Voltage Reference
AD584KH AD-AD584KH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584KH AD-AD584KH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584KN AD-AD584KN Datasheet
304Kb / 8P
Pin Programmable Precision Voltage Reference
More results


Similar Description - AD584K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
Pin Programmable Precision Voltage Reference
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
Pin Programmable Precision Voltage Reference
Rev 1; 8/96
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
logo
Analog Devices
AD584 AD-AD584_12 Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
JM3851012801BGA AD-JM3851012801BGA Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com