Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV2C001ZP Datasheet (PDF) - Rohm

RV2C001ZP Datasheet PDF - Rohm
Part # RV2C001ZP
Download  RV2C001ZP Download
File Size   765.05 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -20V -100mA Small Signal MOSFET

RV2C001ZP Datasheet (PDF)

Go To PDF Page Download Datasheet
RV2C001ZP Datasheet PDF - Rohm

Part # RV2C001ZP
Download  RV2C001ZP Click to download

File Size   765.05 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -20V -100mA Small Signal MOSFET

RV2C001ZP Datasheet (HTML) - Rohm




Similar Part No. - RV2C001ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV2C002UN ROHM-RV2C002UN Datasheet
691Kb / 11P
Nch 20V 180mA Small Signal MOSFET
More results


Similar Description - RV2C001ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV1C001ZP ROHM-RV1C001ZP Datasheet
701Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RV3C001ZP ROHM-RV3C001ZP Datasheet
751Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RV3CA01ZP ROHM-RV3CA01ZP Datasheet
2Mb / 13P
Pch -20V -100mA Small Signal MOSFET
RE1C001ZP ROHM-RE1C001ZP Datasheet
2Mb / 13P
Pch -20V -100mA Small Signal MOSFET
RU1C001ZP ROHM-RU1C001ZP Datasheet
2Mb / 13P
Pch -20V -100mA Small Signal MOSFET
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
Pch -20V -1.4A Small Signal MOSFET
RW1C025ZP ROHM-RW1C025ZP Datasheet
2Mb / 13P
Pch -20V -2.5A Small Signal MOSFET
RZM001P02 ROHM-RZM001P02 Datasheet
2Mb / 13P
Pch -20V -100mA Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
Pch -20V -2A Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
-20V PchPch Small Signal MOSFET
20170706 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com