Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1C025ZP Datasheet (PDF) - Rohm

RW1C025ZP Datasheet PDF - Rohm
Part # RW1C025ZP
Download  RW1C025ZP Download
File Size   2366.58 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -20V -2.5A Small Signal MOSFET

RW1C025ZP Datasheet (PDF)

Go To PDF Page Download Datasheet
RW1C025ZP Datasheet PDF - Rohm

Part # RW1C025ZP
Download  RW1C025ZP Click to download

File Size   2366.58 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -20V -2.5A Small Signal MOSFET

RW1C025ZP Datasheet (HTML) - Rohm


RW1C025ZP Product details

■ MOSFETs
   ● Small Signal MOSFET Series
   ● Middle Power MOSFET Series
   ● Power MOSFET Series
■ Selector Guide for Automotive MOSFETs (AEC-Q101)
■ Bipolar Transistors (Surface mount type)
■ Transistor Array
■ Complex Bipolar Transistors
■ Digital Transistors
■ Complex Digital Transistors
■ Packages
■ Part No. Explanation
            ISO/TS 16949-approved




Similar Part No. - RW1C025ZP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RW1C025ZP VBSEMI-RW1C025ZP Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results


Similar Description - RW1C025ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV1C001ZP ROHM-RV1C001ZP Datasheet
701Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
Nch 20V 2.5A Small Signal MOSFET
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
Pch -20V -1.4A Small Signal MOSFET
RSQ025P03HZG ROHM-RSQ025P03HZG Datasheet
2Mb / 15P
Pch -30V -2.5A Small Signal MOSFET
RSR025P03HZG ROHM-RSR025P03HZG Datasheet
2Mb / 15P
Pch -30V -2.5A Small Signal MOSFET
RTQ025P02HZG ROHM-RTQ025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
Pch -20V -2A Small Signal MOSFET
RTR025P02HZG ROHM-RTR025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
-20V PchPch Small Signal MOSFET
20170706 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com