Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1C025ZP Datasheet(PDF) 1 Page - Rohm

Part # RW1C025ZP
Description  Pch -20V -2.5A Small Signal MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1C025ZP Datasheet(HTML) 1 Page - Rohm

  RW1C025ZP Datasheet HTML 1Page - Rohm RW1C025ZP Datasheet HTML 2Page - Rohm RW1C025ZP Datasheet HTML 3Page - Rohm RW1C025ZP Datasheet HTML 4Page - Rohm RW1C025ZP Datasheet HTML 5Page - Rohm RW1C025ZP Datasheet HTML 6Page - Rohm RW1C025ZP Datasheet HTML 7Page - Rohm RW1C025ZP Datasheet HTML 8Page - Rohm RW1C025ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RW1C025ZP
  Pch -20V -2.5A Small Signal MOSFET
  
Datasheet
l
lOutline
VDSS
-20V
SOT-563T
 
RDS(on)(Max.)
65mΩ
WEMT6
ID
±2.5A
 
PD
0.7W
 
           
l
lInner circuit
l
lFeatures
1) Low on - resistance.
2) Small high power package
3) Low voltage drive(1.5V)
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
180
l
lApplication
Tape width (mm)
8
Switching
Basic ordering unit (pcs)
8000
Taping code
T2CR
Marking
ZG
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
-20
V
Continuous drain current
ID
±2.5
A
Pulsed drain current
IDP*1
±10
A
Gate - Source voltage
VGSS
±10
V
Power dissipation
PD*2
0.7
W
PD*3
0.4
W
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
                                                                                         
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/11
20160825 - Rev.001
 
   
 


Similar Part No. - RW1C025ZP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RW1C025ZP VBSEMI-RW1C025ZP Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - RW1C025ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RV1C001ZP ROHM-RV1C001ZP Datasheet
701Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RV2C001ZP ROHM-RV2C001ZP Datasheet
765Kb / 11P
Pch -20V -100mA Small Signal MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
Nch 20V 2.5A Small Signal MOSFET
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
Pch -20V -1.4A Small Signal MOSFET
RSQ025P03HZG ROHM-RSQ025P03HZG Datasheet
2Mb / 15P
Pch -30V -2.5A Small Signal MOSFET
RSR025P03HZG ROHM-RSR025P03HZG Datasheet
2Mb / 15P
Pch -30V -2.5A Small Signal MOSFET
RTQ025P02HZG ROHM-RTQ025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
Pch -20V -2A Small Signal MOSFET
RTR025P02HZG ROHM-RTR025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
-20V PchPch Small Signal MOSFET
20170706 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com