Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9051 Datasheet (PDF) - Analog Devices

AD9051 Datasheet PDF - Analog Devices
Part # AD9051
Download  AD9051 Download
File Size   644.17 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 60 MSPS A-D Converter

AD9051 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9051 Datasheet PDF - Analog Devices

Part # AD9051
Download  AD9051 Click to download

File Size   644.17 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 60 MSPS A-D Converter

AD9051 Datasheet (HTML) - Analog Devices


AD9051 Product details

GENERAL DESCRIPTION
The AD9051 is a complete 10-bit monolithic sampling analog to-digital converter (ADC) with an onboard track-and-hold and reference. The unit is designed for low cost, high performance applications and requires only 5 V and an encode clock to achieve 60 MSPS sample rates with 10-bit resolution.

FEATURES
60 MSPS Sampling Rate
   9.3 Effective Number of Bits at fIN= 10.3 MHz
   250 mW Total Power at 60 MSPS
   Selectable Input Bandwidth of 50 MHz or 130 MHz
   On-Chip T/H and Voltage Reference
   Single 5 V Supply Voltage
   5 V or 3 V Logic I/O Compatible
   Input Range and Output Coding Options Available

APPLICATIONS
   Medical Imaging
   Digital Communications
   Professional Video
   Instrumentation
   Set-Top Box




Similar Part No. - AD9051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051 Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9051 AD-AD9051 Datasheet
686Kb / 12P
A/D Converter
Rev. C
AD9051-2V AD-AD9051-2V Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9051-2V/PCB AD-AD9051-2V/PCB Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9051-2VPCB AD-AD9051-2VPCB Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
More results


Similar Description - AD9051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
10-Bit 60 MSPS A/D Converter
REV.A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
AD9051 AD-AD9051 Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
10-Bit, 60 MSPS A/D Converter
02 1999
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
10-Bit 60 MSPS A/D Converter
REV. C
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
10-Bit, 60 MSPS A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com