Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF4392 Datasheet (PDF) - Central Semiconductor Corp

CMPF4392 Datasheet PDF - Central Semiconductor Corp
Part # CMPF4392
Download  CMPF4392 Download
File Size   80.12 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description N-CHANNEL JFET

CMPF4392 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPF4392 Datasheet PDF - Central Semiconductor Corp

Part # CMPF4392
Download  CMPF4392 Click to download

File Size   80.12 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description N-CHANNEL JFET

CMPF4392 Datasheet (HTML) - Central Semiconductor Corp


CMPF4392 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPF4391 series types are N-Channel Silicon Field Effect Transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for switching applications.

MARKING CODE:
CMPF4391: 6J
CMPF4392: 6K
CMPF4393: 6G

MAXIMUM RATINGS: (TA=25°C)          SYMBOL UNITS
Drain-Gate Voltage                                       VGD 40V
Gate-Source Voltage                                      VGS 40V
Drain-Source Voltage                                     VDS 40V
Gate Current                                             IG  50mA
Power Dissipation                                        PD  350mW
Operating and Storage Junction Temperature TJ, Tstg     -65 to +150 °C
Thermal Resistance                                     ΘJA 357 °C/W




Similar Part No. - CMPF4392

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF4392 CENTRAL-CMPF4392 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4392 CENTRAL-CMPF4392 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
More results


Similar Description - CMPF4392

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com