Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF4392 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPF4392
Description  N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF4392 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPF4392 Datasheet HTML 1Page - Central Semiconductor Corp CMPF4392 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R2
147
CMPF4391
CMPF4392
CMPF4393
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX UNITS
rDS(ON)
ID=1.0mA, VGS=0
30
60
100
Ω
rds(ON)
VGS=0, ID=0, f=1.0kHz
30
60
100
Ω
Ciss
VDS=20V, VGS=0, f=1.0MHz
14
14
14
pF
Crss
VGS=12V, VDS=0, f=1.0MHz
3.5
-
-
pF
Crss
VGS=7.0V, VDS=0, f=1.0MHz
-
3.5
-
pF
Crss
VGS=5.0V, VDS=0, f=1.0MHz
-
-
3.5
pF
tON
ID(ON)=12mA
15
-
-
ns
tON
ID(ON)=6.0mA
-
15
-
ns
tON
ID(ON)=3.0mA
-
-
15
ns
tOFF
VGS(OFF)=12V
20
-
-
ns
tOFF
VGS(OFF)=7.0V
-
35
-
ns
tOFF
VGS(OFF)=5.0V
-
-
50
ns
All dimensions in inches (mm).
LEAD CODE:
1) DRAIN
2) SOURCE
3) GATE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com