Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB0612HHC Datasheet (PDF) - Delta Electronics, Inc.

AFB0612HHC Datasheet PDF - Delta Electronics, Inc.
Part # AFB0612HHC
Download  AFB0612HHC Download
File Size   181.4 Kbytes
Page   1 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 60 x 60 x 13 MM SERIES

AFB0612HHC Datasheet (PDF)

Go To PDF Page Download Datasheet
AFB0612HHC Datasheet PDF - Delta Electronics, Inc.

Part # AFB0612HHC
Download  AFB0612HHC Click to download

File Size   181.4 Kbytes
Page   1 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 60 x 60 x 13 MM SERIES

AFB0612HHC Datasheet (HTML) - Delta Electronics, Inc.


AFB0612HHC Product details

AFB 60 x 60 x 13 MM SERIES

* Bearing Type
    Ball Bearings
* Material
    Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
    UL 2468 AWG #28 OR Equivalent
    Red Wire Positive (+)
    Black Wire Negative (-)
* Weight : 33.5g (1.18 oz)
* Rib Type Only




Similar Part No. - AFB0612HHC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0612HH-A DELTA-AFB0612HH-A Datasheet
279Kb / 6P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0612HH-TA50 DELTA-AFB0612HH-TA50 Datasheet
971Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612HHB DELTA-AFB0612HHB Datasheet
560Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0612HHB-F00 DELTA-AFB0612HHB-F00 Datasheet
656Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0612HHB-R00 DELTA-AFB0612HHB-R00 Datasheet
614Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results


Similar Description - AFB0612HHC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-243.3SG RECOM-RP60-243.3SG Datasheet
92Kb / 4P
60 Watt 2??x 2??Single Output
logo
ORION FANS
OA60 ORIONFANS-OA60 Datasheet
88Kb / 1P
60 x 30mm (2.36??x 1.18??
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
logo
NTE Electronics
77-6015D12 NTE-77-6015D12 Datasheet
363Kb / 1P
Fan, DC Types, 60 x 60mm
logo
ORION FANS
OA60 ORIONFANS-OA60_16 Datasheet
387Kb / 1P
AC Fan - 115V, 230V 60 x 30mm (2.36??x 1.18??
logo
Espros Photonics corp
EPC635 EPC-EPC635 Datasheet
1Mb / 97P
3D TOF Imager 160 x 60 Pixel
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
logo
Schneider Electric
KAD1H SCHNEIDER-KAD1H Datasheet
133Kb / 2P
operating head 60 x 60 mm - black color - black handle - blank for engraving
Feb 10, 2022
KBD1S SCHNEIDER-KBD1S Datasheet
124Kb / 2P
operating head 60 x 60 mm - metallic color - key - blank for engraving
Feb 10, 2022
KCD1MH SCHNEIDER-KCD1MH Datasheet
138Kb / 2P
operating head 60 x 60 mm - yellow color - red handle - O-I
Feb 10, 2022
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com