Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M15KP75A Datasheet (PDF) - Microsemi Corporation

M15KP75A Datasheet PDF - Microsemi Corporation
Part # M15KP75A
Download  M15KP75A Download
File Size   425.54 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15,000 Watt Transient Voltage Suppressor (TVS) Protection Device

M15KP75A Datasheet (PDF)

Go To PDF Page Download Datasheet
M15KP75A Datasheet PDF - Microsemi Corporation

Part # M15KP75A
Download  M15KP75A Click to download

File Size   425.54 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15,000 Watt Transient Voltage Suppressor (TVS) Protection Device

M15KP75A Datasheet (HTML) - Microsemi Corporation


M15KP75A Product details

DESCRIPTION
This Transient Voltage Suppressor series of M15KP22A – M15KP280CA offers an extended voltage range and also provides a variety of high reliability, uni- and bi-directional options as well. RoHS compliant versions are also available. These devices have the ability to clamp dangerous high voltage transients such as secondary effects of lightning strikes, providing circuit protection to several class levels in the IEC61000-4-5 specification. Clamping time is virtually instantaneous. It also provides protection from transients caused by inductive load dumps, RFI, and ESD, providing protection to IEC61000-4-2 and -4-4.

FEATURES
● Available in both unidirectional and bidirectional configurations
● 3σ lot norm screening performed on standby current ID
● 100% surge tested devices
● Suppresses transients up to 15 kW @ 10/1000 s and 100 kW @ 8/20 s (see Figure 1)
● Various screenings in reference to MIL-PRF-19500 are available. Refer to Hirel Non-Hermetic
   Product Portfolio for more details on the screening options.
   (See part nomenclature for all options.)
● High reliability controlled devices have wafer fabrication and assembly lot traceability
● Moisture classification is level 1 with no dry pack required per IPC/JEDEC J-STD-020B
● RoHS compliant versions are available

APPLICATIONS / BENEFITS
● Selections from 22 to 280 volts stand-off voltage (VWM)
● Economical TVS series for thru-hole mounting
● Protection from switching transients & induced RFI
● Fast sub-nanosecond response (unidirectional)
● Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
● Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
   Class 1, 2, 3, 4: M15KP22A to M15KP280CA
   Class 5: M15KP22A to M15KP280CA (short distance)
   Class 5: 1M5KP22A to M15KP110CA (long distance)
● Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
   Class 1 & 2: M15KP22A to M15KP280CA
   Class 3: M15KP22A to M15KP240CA
   Class 4: M15KP22A to M15KP120CA
● Secondary lightning protection per IEC61000-4-5 with 2 ohms source impedance:
   Class 2: M15KP22A to M15KP220CA
   Class 3: M15KP22A to M15KP110CA
   Class 4: M15KP22A to M15KP54CA




Similar Part No. - M15KP75A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
Conformally coated, radial leaded
logo
GSI Group, Inc.
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Pulse A Technitrol Comp...
M1500 PULSE-M1500 Datasheet
115Kb / 2P
SMT GATE DRIVE TRANSFORMER
logo
RAF ELECTRONIC HARDWARE
M1500-B-2545-SS RAF-M1500-B-2545-SS Datasheet
63Kb / 1P
4.5 MM ROUND SWAGE STANDOFFS
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
More results


Similar Description - M15KP75A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
15,000 Watt TVS Module
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
5KP5.0E3 MICROSEMI-5KP5.0E3 Datasheet
800Kb / 10P
5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
Rev. A
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com